Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2480B+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2480B+T
Description  Serial to 1-Wire Line Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2480B+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2480B+T Datasheet HTML 1Page - Maxim Integrated Products DS2480B+T Datasheet HTML 2Page - Maxim Integrated Products DS2480B+T Datasheet HTML 3Page - Maxim Integrated Products DS2480B+T Datasheet HTML 4Page - Maxim Integrated Products DS2480B+T Datasheet HTML 5Page - Maxim Integrated Products DS2480B+T Datasheet HTML 6Page - Maxim Integrated Products DS2480B+T Datasheet HTML 7Page - Maxim Integrated Products DS2480B+T Datasheet HTML 8Page - Maxim Integrated Products DS2480B+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
DS2480B
Figure 2. STATE TRANSITION DIAGRAM
LEGEND:
V
BINARY VALUE (TYPE OF WRITE TIME SLOT)
SS
1-WIRE SPEED SELECTION CODE
P
IF LOGIC 1, GENERATES STRONG PULLUP TO 5V IMMEDIATELY
FOLLOWING THE
TIME SLOT
T
TYPE OF PULSE; 0 = STRONG PULLUP (5V), 1 = PROGRAMMING PULSE (12V)
Q
1 = ARM STRONG PULLUP AFTER EVERY BYTE; 0 = DISARM
H
SEARCH ACCELERATOR CONTROL; 1 = ACCELERATOR ON, 0 = ACCELERATOR OFF
ZZZ
CONFIGURATION
PARAMETER
CODE
(WRITE),
000
=
READ
CONFIGURATION
PARAMETER
VVV
CONFIGURATION PARAMETER VALUE CODE (WRITE), CONFIGURATION PARAMETER
CODE (READ)
X
DON’T CARE
4 of 32


Similar Part No. - DS2480B+T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
DS2480BS DALLAS-DS2480BS Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B_15 Datasheet
503Kb / 32P
   Serial to 1-Wire Line Driver
2015
More results

Similar Description - DS2480B+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B_15 Datasheet
503Kb / 32P
   Serial to 1-Wire Line Driver
2015
logo
Dallas Semiconductor
DS2480 DALLAS-DS2480 Datasheet
185Kb / 26P
   Serial 1.Wire Line Driver
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
logo
Texas Instruments
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC111_15 TI-CDC111_15_15 Datasheet
124Kb / 9P
[Old version datasheet]   1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
CDC111 TI-CDC111 Datasheet
96Kb / 7P
[Old version datasheet]   1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
CDC329A TI-CDC329A Datasheet
105Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com