Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG508ADJ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG508ADJ
Description  Monolithic CMOS Analog Multiplexers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG508ADJ Datasheet(HTML) 6 Page - Maxim Integrated Products

  DG508ADJ Datasheet HTML 1Page - Maxim Integrated Products DG508ADJ Datasheet HTML 2Page - Maxim Integrated Products DG508ADJ Datasheet HTML 3Page - Maxim Integrated Products DG508ADJ Datasheet HTML 4Page - Maxim Integrated Products DG508ADJ Datasheet HTML 5Page - Maxim Integrated Products DG508ADJ Datasheet HTML 6Page - Maxim Integrated Products DG508ADJ Datasheet HTML 7Page - Maxim Integrated Products DG508ADJ Datasheet HTML 8Page - Maxim Integrated Products DG508ADJ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Monolithic CMOS Analog Multiplexers
6
_______________________________________________________________________________________
DG508A
EN
S1
±10V
SWITCH
OUTPUT
VD
35pF
1M
Ω
S2–S7
S8
D
+2.4V
+15V
A0
A1
A2
GND
-15V
50
Ω
LOGIC
INPUT
V-
V+
DG509A
EN
S1
±10V
SWITCH
OUTPUT
VDS
35pF
1M
Ω
S1A–S4A,
DA, S2B, S3B
S4B
DB
+2.4V
+15V
A0
A1
GND
-15V
50
Ω
LOGIC
INPUT
V-
V+
Figure 1a. Switching-Time Test Circuit
DG508A
EN
V+
S1
-5V
SWITCH
OUTPUT
VD
35pF
1k
Ω
S2–S7
D
+15V
A0
A1
A2
GND
-15V
50
Ω
LOGIC
INPUT
V-
Figure 2a. DG508A Enable-Time Test Circuit
DG509A
EN
V+
S1B
-5V
SWITCH
OUTPUT
VDS
35pF
1k
Ω
S1A–S4A,
DA, S2B, S3B
DB
+15V
A0
A1
GND
-15V
50
Ω
LOGIC
INPUT
V-
Figure 2b. DG509A Enable-Time Test Circuit
Figure 1b. Switching-Time Test Circuit


Similar Part No. - DG508ADJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG508ADJ MAXIM-DG508ADJ Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
More results

Similar Description - DG508ADJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_12 Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG506A MAXIM-DG506A Datasheet
196Kb / 6P
   Monolithic CMOS Analog Multiplexers
DG508A MAXIM-DG508A Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
MX7506 MAXIM-MX7506 Datasheet
147Kb / 4P
   Monolithic CMOS Analog Multiplexers
MX7501 MAXIM-MX7501 Datasheet
246Kb / 8P
   Low -Power, Monolithic, CMOS Analog Multiplexers
Rev 0; 7/90
MAX328 MAXIM-MAX328 Datasheet
226Kb / 8P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 1; 10/94
MAX328 MAXIM-MAX328_V01 Datasheet
175Kb / 10P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 3; 2/11
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com