Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA-0271 Datasheet(PDF) 3 Page - Power Systems GmbH+Co.KG

Part # CXA-0271
Description  DC-AC INVERTER UNIT 6W DOUBLE OUTPUT WITH DIMMING FUNCTION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CXA-0271 Datasheet(HTML) 3 Page - Power Systems GmbH+Co.KG

  CXA-0271 Datasheet HTML 1Page - Power Systems GmbH+Co.KG CXA-0271 Datasheet HTML 2Page - Power Systems GmbH+Co.KG CXA-0271 Datasheet HTML 3Page - Power Systems GmbH+Co.KG CXA-0271 Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CXA-0271 (6W DOUBLE OUTPUT WITH DIMMING FUNCTION)
DC-AC INVERTER UNIT
(PRELIMINARY INFORMATION)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Emai:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 3 / 4 )
VER, 01 October 2003
Voltage Dimming Type
APPLICATION (for example)
A
~
A
~
RL2
RL1
Io2
Io1
V
A
V
1000:1
PROBE
V
~
F1
0/5V
Vin
10.8~13.2V
Vrmt
Vin
Iin
Vopen
V
Vbr
0~
2.5V
F
CN1-1
CN1-2
CN1-3
CN1-4
CN1-5
CN2-1
CN2-3
CN3-1
CN3-3
Q6
C10
Q7
F2
V
Vst
TEST CIRCUIT:
RL2
RL1
Iout
1
F1
Vopen
Q6
C7
Q7
C8
F2
0/5V
10.8~
13.2V
Vrmt
Vin
Iin
Vbr
0~
2.5V
1000:1
CN1-1
(Vin)
A
-
A
V
-
F
CN2-1
(VHIGH1)
CN3-1
(VHIGH2)
CN1-2
(GND)
CN1-3
(Vbr)
CN1-4
(Vst)
CN1-5
(Vrmt)
A
V
-
V
-
V
-
Vst
Vin
V
Iout
2
CN3-3
(VLOW2)
CN2-3
(VLOW1)
S
W
b
a


Similar Part No. - CXA-0271

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CXA-0271 TDK-CXA-0271 Datasheet
44Kb / 2P
   DC-AC INVERTER UNIT
More results

Similar Description - CXA-0271

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-P1212B-WJL POWER-SYSTEMS-CXA-P1212B-WJL Datasheet
112Kb / 4P
   DC-AC INVERTER UNIT 8W DOUBLE OUTPUT WITH DIMMING FUNCTION
CXA-P1612-WJL POWER-SYSTEMS-CXA-P1612-WJL Datasheet
171Kb / 2P
   DC-AC INVERTER UNIT 9W DOUBLE OUTPUT WITH DIMMING FUNCTION
CXA-P1212A-WJL POWER-SYSTEMS-CXA-P1212A-WJL Datasheet
57Kb / 2P
   DC-AC INVERTER UNIT 8W DOUBLE OUTPUTS WITH DIMMING FUNCTION
CXA-L0605-VSL POWER-SYSTEMS-CXA-L0605-VSL Datasheet
47Kb / 2P
   DC-AC INVERTER UNIT 4W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0624-VJL POWER-SYSTEMS-CXA-L0624-VJL Datasheet
152Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A POWER-SYSTEMS-CXA-L0612A Datasheet
83Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0612A-VML POWER-SYSTEMS-CXA-L0612A-VML Datasheet
34Kb / 2P
   DC-AC INVERTER UNIT 5W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-0283 POWER-SYSTEMS-CXA-0283 Datasheet
174Kb / 4P
   DC-AC INVERTER UNIT 15W QUAD OUTPUT WITH DIMMING FUNCTION
PS-L0612A-177 POWER-SYSTEMS-PS-L0612A-177 Datasheet
251Kb / 2P
   DC-AC INVERTER UNIT 5.0W SINGLE OUTPUT WITH DIMMING FUNCTION
CXA-L0605-VJL POWER-SYSTEMS-CXA-L0605-VJL Datasheet
61Kb / 4P
   DC-AC INVERTER UNIT 4.0W SINGLE OUTPUT WITH DIMMING FUNCTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com