Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-M06D12S6-NJ1LS Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

Part # PS-M06D12S6-NJ1LS
Description  DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-M06D12S6-NJ1LS Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  PS-M06D12S6-NJ1LS Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-M06D12S6-NJ1LS Datasheet HTML 2Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-AC INVERTER UNIT
PS-M06D12S6-NJ1L(S) (6,5 W DUAL OUTPUTS)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (1)
Version 1.0.3, 12th February 2010
(PRELIMINARY INFORMATION)
DESCRIPTION :
This low profile DC to AC Inverter is developed for dual lamps.
Please contact us for confirmation regarding compatibility with your display.
APPLICABLE LCD:
6.4 to 12 inches double lamp type
Lamp Voltage 500 Vrms
Lamp Current
6.5 mArms
Lamp Start Up Voltage min. 1.500 Vrms (Vin : 12 Vdc)
FEATURES :
Remote ON/OFF
Ext. PWM-Dimming Function
RoHS compliant (S)
TEMPERATURE & HUMIDITY :
Operating Temperature Range
-10°C ~ +60°C
Storage Temperature Range
-20°C ~ +85°C
Humidity
95 %RH max
DIMENSIONS :
L x W x H
123 x 23 x 10mm
Unit : mm
Weight :20 (g) typ.
Note: Please use plastic screw in case of a non-insulating mounting base!
2 - Ø2.5 ± 0.2
(2)
CN2
CAUTION
HIGH VOLTAGE
82 ± 0.3
122,5 ± 0.5
PS-M06D05-NJ1L
29/01/2004
MADE IN
GERMANY
High Voltage generation area 60mm
2
1
3
CN3
1
1
30,5 ± 0.5
Input side CN1:
Pin No.
Symbols
Ratings
CN 1-1
Vin
12 Vdc
CN 1-2
GND
CN 1-3
Ext. PWM
0 ~ 5 Vdc (L activ)
CN 1-4
N.C.
CN 1-5
Vrm t
0 / 5 Vdc (H activ)
Components
No.
Part Description
Qty.
Material
Note
1
PCB
1
UL94V-0 (FR-4 or CEM-3)
t=1.6m m
2
Connector CN1
1
S5B-PH-SM3
JST or equal
3
Connector CN2 + CN3
2
SM02(8.0)B-BHS-1-TB
JST or equal
Output side CN2:
Pin No.
Symbols
Ratings
CN 2-1
Vhigh
500 Vrms (6.5 mArms)
CN 2-2
Vlow
0Vdc
Output side CN3:
Pin No.
Symbols
Ratings
CN 3-1
Vhigh
500 Vrms (6.5 mArms)
CN 3-2
Vlow
0Vdc


Similar Part No. - PS-M06D12S6-NJ1LS

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-M06D12S6-NJ4L POWER-SYSTEMS-PS-M06D12S6-NJ4L Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M06D12S6-NJ4LS POWER-SYSTEMS-PS-M06D12S6-NJ4LS Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
More results

Similar Description - PS-M06D12S6-NJ1LS

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-M07D12S4-NJ5R-137 POWER-SYSTEMS-PS-M07D12S4-NJ5R-137 Datasheet
145Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M05D05S3-NJ4L-011 POWER-SYSTEMS-PS-M05D05S3-NJ4L-011 Datasheet
786Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M06D05S6-NJ1L POWER-SYSTEMS-PS-M06D05S6-NJ1L Datasheet
66Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M06D05S3-NJ4L-015 POWER-SYSTEMS-PS-M06D05S3-NJ4L-015 Datasheet
786Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M05D12S3-NJ4L-012 POWER-SYSTEMS-PS-M05D12S3-NJ4L-012 Datasheet
89Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M04D12S3-NJ1L-142 POWER-SYSTEMS-PS-M04D12S3-NJ1L-142 Datasheet
108Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M06D12S3-NJ4L-016 POWER-SYSTEMS-PS-M06D12S3-NJ4L-016 Datasheet
780Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M06D12S6-NJ4L POWER-SYSTEMS-PS-M06D12S6-NJ4L Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-M06D05S6-NJ4L POWER-SYSTEMS-PS-M06D05S6-NJ4L Datasheet
68Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
PS-DA0276-01-B POWER-SYSTEMS-PS-DA0276-01-B Datasheet
252Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com