Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2W06G Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # 2W06G
Description  SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

2W06G Datasheet(HTML) 1 Page - Zowie Technology Corporation

  2W06G Datasheet HTML 1Page - Zowie Technology Corporation 2W06G Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2W005G THRU 2W10G
SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Amperes
FEATURES
MECHANICAL DATA
* Glass Passivated Die Construction
* Diffused Junction
* Low Foward Voltage Drop, High Current Capability
* Surge Overload Rating to 60A Peak
* Ideal for Printed Circuit Boards
* Case to Terminal Isolation Voltage 2500V
* Plastic Material has Underwriters Laboratory Flammability
Classification 94V-0
Case : Molded Plastic
Terminals : Plated leads solderable per MIL-STD-750,
Method 2026
Polarity : As marked on Body
Mounting Position : Any
Weight : 1.3 grams (approx)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current @TA=25
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0 A
Maximum DC reverse current
at rated DC blocking voltage
@TA=25
o
C
@TA=125
o
C
Typical junction capacitance (NOTE 1)
Typical thermal resistance junction to case
Operating junction and storage temperature range
SYMBOLS
VRRM
I (AV)
IFSM
VF
IR
CJ
R JC
TJ,TSTG
2W
005G
01G
02G
04G
06G
08G
10G
50
100
200
400
600
800
1000
2.0
60
1.1
5.0
500
16
63
-65 to +150
UNITS
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Volts
Amps
Amps
uA
pF
K / W
o
C
NOTES : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Thermal resistance from junction to case mounted on PC board with 13 X 13mm (0.03mm thick) land areas.
Zowie Technology Corporation
REV. : 0
WOB
*Dimensions in inches and (millimeters)
0.389(9.86)
0.03(0.81)
0.03(0.71)
0.22(5.60)
0.22(5.60)
0.22(5.60)
0.18(4.60)
0.349(8.84)


Similar Part No. - 2W06G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
2W06G JGD-2W06G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
2W06G MIC-2W06G Datasheet
62Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Fairchild Semiconductor
2W06G FAIRCHILD-2W06G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
2W06G SECOS-2W06G Datasheet
136Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
logo
Diodes Incorporated
2W06G DIODES-2W06G Datasheet
53Kb / 2P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21204 Rev. G-2
More results

Similar Description - 2W06G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DF005L ZOWIE-DF005L Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
GBJ25A ZOWIE-GBJ25A Datasheet
269Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
KBJ6005G ZOWIE-KBJ6005G Datasheet
53Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
BYD17ZH ZOWIE-BYD17ZH Datasheet
47Kb / 2P
   Sintered Glass Passivated Rectifier
logo
Comchip Technology
CGPA10MM COMCHIP-CGPA10MM Datasheet
61Kb / 2P
   Glass Passivated Sintered Rectifier
logo
Zowie Technology Corpor...
AUBYD17ZDH ZOWIE-AUBYD17ZDH Datasheet
47Kb / 2P
   Sintered Glass Passivated Rectifier
BYD17ZDH ZOWIE-BYD17ZDH Datasheet
47Kb / 2P
   Sintered Glass Passivated Rectifier
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
TAITRON Components Inco...
GP10Q TAITRON-GP10Q Datasheet
129Kb / 4P
   1.0A Sintered Glass Passivated Rectifier
logo
Zowie Technology Corpor...
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com