Part Name
         Description
TPC8107_06

 Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications ( 7 Page)


TOSHIBA
100% 
Zoom Out Zoom In
   
 3 page
background image
TPC8107
2006-11-16
3
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cut-OFF current
IDSS
VDS = −30 V, VGS = 0 V
−10
µA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−30
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 20 V
−15
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−0.8
−2.0
V
VGS = −4 V, ID = −6.5 A
10
15
Drain-source ON resistance
RDS (ON)
VGS = −10 V, ID = −6.5 A
5.5
7.0
m
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −6.5 A
15.5
31
S
Input capacitance
Ciss
5880
Reverse transfer capacitance
Crss
1000
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
1050
pF
Rise time
tr
11
Turn-ON time
ton
22
Fall time
tf
110
Switching time
Turn-OFF time
toff
Duty <= 1%, tw = 10 µs
395
ns
Total gate charge
(gate-source plus gate-drain)
Qg
130
Gate-source charge 1
Qgs1
10
Gate-drain (“miller”) charge
Qgd
VDD ∼− −24 V, VGS = −10 V,
ID = −13 A
30
nC
Source-Drain Ratings and Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse
(Note 1)
IDRP
−52
A
Forward voltage (diode)
VDSF
IDR = −13 A, VGS = 0 V
1.2
V
VDD ∼− −15 V
−10 V
VGS
0 V
ID = −6.5 A
VOUT



Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl