Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8012-H Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPC8012-H
Description  Switching Regulator Applications Switching Regulator Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8012-H Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPC8012-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8012-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8012-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8012-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8012-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8012-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8012-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPC8012-H
2006-01-17
5
0.4
0.8
1.6
0
40
80
120
160
1.2
2.0
0
(1)
(2)
0
0
4
12
20
40
80
120
160
200
0
4
8
16
20
VDD = 40 V
160 V
VDS
12
16
8
80 V
0
−80
−40
0
40
80
120
160
1.0
2.0
4.0
3.0
5.0
0.1
1
10
100
10
1000
10000
Ciss
Coss
Crss
100
0
1
10
−0.2
−0.4
−0.6
−0.8
−1.2
VGS = 0 V
1
10
3
0.1
4.5
−1.0
0
−80
−40
0
40
80
120
160
0.2
0.4
0.6
1
VGS = 10 V
ID = 2.8A,5.5A,11A
0.8
Capacitance – VDS
Ambient temperature Ta (°C)
Vth – Ta
Total gate charge Qg (nC)
Dynamic input/output
characteristics
Common source
VDS = 10 V
ID = 1 mA
Pulse test
Common source
ID = 1.8 A
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
f
= 1 MHz
VGS = 0 V
Drain-source voltage VDS (V)
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain-source voltage VDS (V)
IDR – VDS
Common source
Pulse test
Common source
Ta
= 25°C
Pulse test
Ambient temperature Ta (°C)
PD – Ta
(1) Device mounted on a
glass-epoxy board (a)
(Note 2a)
(2) Device mounted on a
glass-epoxy board (b)
(Note 2b)
t
= 10 s


Similar Part No. - TPC8012-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H Datasheet
125Kb / 4P
   Switching Regulator Application DC-DC Converters
TPC8012-H TOSHIBA-TPC8012-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC8012-H VBSEMI-TPC8012-H Datasheet
1,001Kb / 7P
   N-Channel 200 V (D-S) MOSFET
More results

Similar Description - TPC8012-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com