Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3466 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK3466
Description  Chopper Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3466 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK3466 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3466
2010-04-06
5
10
μ
0.003
0.005
0.01
0.03
0.05
0.1
0.3
0.5
1
3
30
μ
100
μ
300
μ
1 m
3 m
10 m
30 m
100 m
3
10
300 m
1
Duty
= 0.5
0.2
0.1
0.05
0.02
0.01
Single pulse
T
PDM
t
Duty
= t/T
Rth (ch-c) =2.5°C/W
rth − tw
EAS – Tch
−15 V
15 V
Test circuit
Wave form
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 90 V, L = 12.2 mH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
DC operation
Tc
= 25°C
1 ms *
100
μs *
ID max (pulsed) *
ID max (continuous)
* Single nonrepetitive
pulse Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
VDSS max
0.01
1
0.03
0.05
0.1
0.3
0.5
1
3
5
10
30
50
100
3
5
10
30 50
100
300 500 1000
25
40
120
200
50
75
150
100
125
80
160
0
Pulse width tw (s)
Drain-source voltage VDS (V)
Safe operating area
Channel temperature (initial) Tch (°C)


Similar Part No. - 2SK3466

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3466 TOSHIBA-2SK3466 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator Applications
2SK3466 TOSHIBA-2SK3466 Datasheet
215Kb / 6P
   TOSHIBA Field Effect Transistor
2SK3466 TOSHIBA-2SK3466 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3466 TOSHIBA-2SK3466_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator Applications
More results

Similar Description - 2SK3466

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1489 TOSHIBA-2SK1489_09 Datasheet
393Kb / 6P
   Chopper Regulator Applications
TJ120F06J3 TOSHIBA-TJ120F06J3 Datasheet
223Kb / 7P
   Chopper Regulator, DC-DC Converter Applications Motor Drive Applications
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
logo
Infineon Technologies A...
FD1600 INFINEON-FD1600 Datasheet
611Kb / 12P
   Chopper applications
2016-01-21 revision:V3.1
logo
Toshiba Semiconductor
2SK3067 TOSHIBA-2SK3067 Datasheet
128Kb / 3P
   Chopper Regulator
2SK2312 TOSHIBA-2SK2312_07 Datasheet
254Kb / 6P
   Chopper Regulator
logo
Sharp Corporation
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ Datasheet
62Kb / 3P
   Chopper Regulator
PQ1CG3032FZH SHARP-PQ1CG3032FZH Datasheet
144Kb / 5P
   Chopper Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com