Electronic Components Datasheet Search |
|
TLV70030DSET Datasheet(PDF) 11 Page - Texas Instruments |
|
|
TLV70030DSET Datasheet(HTML) 11 Page - Texas Instruments |
11 / 30 page t = (120 R ) (120+R ) L L · · C OUT TLV700xx TLV701xx www.ti.com SLVSA00A – SEPTEMBER 2009 – REVISED APRIL 2010 APPLICATION INFORMATION The TLV700xx/TLV701xx belong to a new family of next-generation value LDO regulators. These devices Board Layout Recommendations to Improve consume low quiescent current and deliver excellent PSRR and Noise Performance line and load transient performance. These Input and output capacitors should be placed as characteristics, combined with low noise, very good close to the device pins as possible. To improve ac PSRR with little (VIN – VOUT) headroom, make this performance such as PSRR, output noise, and family of devices ideal for RF portable applications. transient response, it is recommended that the board This family of regulators offers sub-bandgap output be designed with separate ground planes for VIN and voltages down to 0.7 V, current limit, and thermal VOUT, with the ground plane connected only at the protection, and is specified from –40°C to +125°C. GND pin of the device. In addition, the ground connection for the output capacitor should be Input and Output Capacitor Requirements connected directly to the GND pin of the device. High 1.0-mF X5R- and X7R-type ceramic capacitors are ESR capacitors may degrade PSRR performance. recommended because these capacitors have minimal variation in value and equivalent series Internal Current Limit resistance (ESR) over temperature. The TLV700xx/TLV701xx internal current limit helps However, the TLV700xx/TLV701xx are designed to to protect the regulator during fault conditions. During be stable with an effective capacitance of 0.1 mF or current limit, the output sources a fixed amount of larger at the output. Thus, the device is stable with current that is largely independent of the output capacitors of other dielectric types as well, as long as voltage. In such a case, the output voltage is not the effective capacitance under operating bias regulated, and is VOUT = ILIMIT × RLOAD. The PMOS voltage and temperature is greater than 0.1 mF. This pass transistor dissipates (VIN – VOUT) × ILIMIT until effective capacitance refers to the capacitance that thermal shutdown is triggered and the device turns the LDO sees under operating bias voltage and off. As the device cools down, it is turned on by the temperature conditions; that is, the capacitance after internal thermal shutdown circuit. If the fault condition taking both bias voltage and temperature derating continues, the device cycles between current limit into consideration. In addition to allowing the use of and thermal shutdown. See the Thermal Information cheaper dielectrics, this capability of being stable with section for more details. 0.1-mF effective capacitance also enables the use of The PMOS pass element in the TLV700xx/TLV701xx smaller footprint capacitors that have higher derating has a built-in body diode that conducts current when in size- and space-constrained applications. the voltage at OUT exceeds the voltage at IN. This Note that using a 0.1-mF rated capacitor at the output current is not limited, so if extended reverse voltage of the LDO does not ensure stability because the operation is anticipated, external limiting to 5% of the effective capacitance under the specified operating rated output current is recommended. conditions would be less than 0.1 mF. Maximum ESR should be less than 200 m Ω. Shutdown Although an input capacitor is not required for The enable pin (EN) is active high. The device is stability, it is good analog design practice to connect enabled when voltage at EN pin goes above 0.9V. a 0.1-mF to 1.0-mF, low ESR capacitor across the IN This relatively lower value of voltage required to turn pin and GND in of the regulator. This capacitor the LDO on can be exploited to power the LDO with a counteracts reactive input sources and improves GPIO of recent processors whose GPIO Logic 1 transient response, noise rejection, and ripple voltage level is lower than traditional microcontrollers. rejection. A higher-value capacitor may be necessary The device is turned OFF when the EN pin is held at if large, fast rise-time load transients are anticipated, less than 0.4V. When shutdown capability is not or if the device is not located close to the power required, EN can be connected to the IN pin. source. If source impedance is more than 2 Ω, a The TLV701 has an internal active pull-down circuitry 0.1-mF input capacitor may be necessary to ensure that discharges the output with a time constant of: stability. with: • RL = Load resistance • COUT = Output capacitor (1) Copyright © 2009–2010, Texas Instruments Incorporated Submit Documentation Feedback 11 |
Similar Part No. - TLV70030DSET |
|
Similar Description - TLV70030DSET |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |