Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3371 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3371
Description  Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3371 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3371_10 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3371_10 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3371_10 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3371_10 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3371_10 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3371_10 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3371
2010-02-05
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (π-MOSV)
2SK3371
Switching Regulator Applications
Features
• Low drain-source ON-resistance: RDS (ON) = 6.4 Ω (typ.)
• High forward transfer admittance: |Yfs| = 0.85 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 600 V)
• Enhancement mode: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
600
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
600
V
Gate-source voltage
VGSS
±30
V
DC
(Note 1)
ID
1
Drain current
Pulse (Note 1)
IDP
2
A
Drain power dissipation (Tc
= 25°C)
PD
20
W
Single-pulse avalanche energy
(Note 2)
EAS
56
mJ
Avalanche current
IAR
1
A
Repetitive avalanche energy (Note 3)
EAR
2
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
6.25
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
125
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 90 V, Tch = 25°C, L = 100 mH, IAR = 1 A, RG = 25 Ω
Note 3: Repetitive rating: pulse width limited by max channel temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
1.1
± 0.2
1.05 MAX.
2.3
± 0.15
5.2
± 0.2
0.8 MAX.
0.6 MAX.
6.5
± 0.2
1
2
3
0.6 MAX.
0.6
± 0.15
2.3
± 0.15
3
2
1
1. GATE
2. DRAIN
HEAT SINK)
3. SOURSE
JEDEC
JEITA
TOSHIBA
2-7J1B
Weight: 0.36 g (typ.)


Similar Part No. - 2SK3371_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3371 TOSHIBA-2SK3371 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3371 TOSHIBA-2SK3371 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SK3371 VBSEMI-2SK3371 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - 2SK3371_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com