Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1T157DCKT Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AUP1T157DCKT
Description  LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (NONINVERTED)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1T157DCKT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1T157DCKT Datasheet HTML 2Page - Texas Instruments SN74AUP1T157DCKT Datasheet HTML 3Page - Texas Instruments SN74AUP1T157DCKT Datasheet HTML 4Page - Texas Instruments SN74AUP1T157DCKT Datasheet HTML 5Page - Texas Instruments SN74AUP1T157DCKT Datasheet HTML 6Page - Texas Instruments SN74AUP1T157DCKT Datasheet HTML 7Page - Texas Instruments SN74AUP1T157DCKT Datasheet HTML 8Page - Texas Instruments SN74AUP1T157DCKT Datasheet HTML 9Page - Texas Instruments SN74AUP1T157DCKT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN74AUP1T157
SCES807 – APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = –40°C
TA = 25°C
to 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
VT+
2.3 V to 2.7 V
0.6
1.1
0.6
1.1
Positive-going input
V
3 V to 3.6 V
0.75
1.16
0.75
1.19
threshold voltage
VT–
2.3 V to 2.7 V
0.35
0.6
0.35
0.6
Negative-going
V
input threshold
3 V to 3.6 V
0.5
0.85
0.5
0.85
voltage
ΔVT
2.3 V to 2.7 V
0.23
0.6
0.1
0.6
Hysteresis
V
3 V to 3.6 V
0.25
0.56
0.15
0.56
(VT+ – VT–)
IOH = –20 mA
2.3 V to 3.6 V
VCC – 0.1
VCC – 0.1
IOH = –2.3 mA
2.05
1.97
2.3 V
VOH
IOH = –3.1 mA
1.9
1.85
V
IOH = –2.7 mA
2.72
2.67
3 V
IOH = –4 mA
2.6
2.55
IOL = 20 mA
2.3 V to 3.6 V
0.1
0.1
IOL = 2.3 mA
0.31
0.33
2.3 V
VOL
IOL = 3.1 mA
0.44
0.45
V
IOL = 2.7 mA
0.31
0.33
3 V
IOL = 4 mA
0.44
0.45
II
All inputs
VI = 3.6 V or GND
0 V to 3.6 V
0.1
0.5
mA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.1
0.5
mA
ΔIoff
VI or VO = 3.6 V
0 V to 0.2 V
0.2
0.5
mA
ICC
VI = 3.6 V or GND, IO = 0
2.3 V to 3.6 V
0.5
0.9
mA
One input at 0.3 V or 1.1 V,
2.3 V to 2.7 V
4
Other inputs at 0 or VCC, IO = 0
ΔICC
mA
One input at 0.45 V or 1.2 V,
3 V to 3.6 V
12
Other inputs at 0 or VCC, IO = 0
Ci
VI = VCC or GND
3.3 V
1.5
pF
Co
VO = VCC or GND
3.3 V
3
pF
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V, VI = 1.8 V ± 0.15 V (unless otherwise noted)
(see Figure 6)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
CL
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
5 pF
1.8
2.3
2.9
0.5
6.8
10 pF
2.3
2.8
3.4
1
7.9
tpd
A, B, or C
Y
ns
15 pF
2.6
3.1
3.8
1
8.7
30 pF
3.8
4.4
5.1
1.5
10.8
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1T157


Similar Part No. - SN74AUP1T157DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T158 TI-SN74AUP1T158 Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (INVERTED)
SN74AUP1T158DCKR TI-SN74AUP1T158DCKR Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (INVERTED)
SN74AUP1T158DCKT TI-SN74AUP1T158DCKT Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (INVERTED)
More results

Similar Description - SN74AUP1T157DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T158 TI-SN74AUP1T158 Datasheet
283Kb / 13P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT SCHMITT-TRIGGER BUFFER MULTIPLEXER (INVERTED)
SN74AUP1T50 TI1-SN74AUP1T50 Datasheet
762Kb / 15P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
SN74AUP1T17 TI-SN74AUP1T17 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER BUFFER GATE
SN74AUP1T14 TI1-SN74AUP1T14_15 Datasheet
761Kb / 14P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AUP1T14 TI-SN74AUP1T14 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE SCHMITT-TRIGGER INVERTER GATE
SN74AUP1T00 TI-SN74AUP1T00 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1T02 TI-SN74AUP1T02 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT,SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1T08 TI-SN74AUP1T08 Datasheet
167Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1T86 TI-SN74AUP1T86 Datasheet
173Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, 2-INPUT EXCLUSIVE-OR GATE
SN74AUP1T32 TI-SN74AUP1T32 Datasheet
167Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT,3.3-V CMOS OUTPUT, 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com