Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTD6717E6TA Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXTD6717E6TA
Description  COMPLEMENTARY NPN/PNP LOW SATURATION DUAL TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTD6717E6TA Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXTD6717E6TA Datasheet HTML 1Page - Zetex Semiconductors ZXTD6717E6TA Datasheet HTML 2Page - Zetex Semiconductors ZXTD6717E6TA Datasheet HTML 3Page - Zetex Semiconductors ZXTD6717E6TA Datasheet HTML 4Page - Zetex Semiconductors ZXTD6717E6TA Datasheet HTML 5Page - Zetex Semiconductors ZXTD6717E6TA Datasheet HTML 6Page - Zetex Semiconductors ZXTD6717E6TA Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ISSUE 2 - JULY 2001
ZXTD6717E6
PACKAGE DIMENSIONS
PAD LAYOUT DETAILS
7
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3701-04 Metroplaza, Tower 1
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
© Zetex plc 2001
Telefon: (49) 89 45 49 49 0
Telephone: (631) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (631) 864-7630
Fax: (852) 24250 494
www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for
any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves
the right to alter without notice the specification, design, price or conditions of supply of any product or service.
A1
2
L
DATUM A
a
C
E
AA2
E1
D
b
e
e1
DIM
Millimetres
Inches
Min
Max
Min
Max
A
0.90
1.45
0.35
0.057
A1
0.00
0.15
0
0.006
A2
0.90
1.30
0.035
0.051
b
0.35
0.50
0.014
0.019
C
0.09
0.20
0.0035
0.008
D
2.80
3.00
0.110
0.118
E
2.60
3.00
0.102
0.118
E1
1.50
1.75
0.059
0.069
L
0.10
0.60
0.004
0.002
e
0.95 REF
0.037 REF
e1
1.90 REF
0.074 REF
L
10°
10°


Similar Part No. - ZXTD6717E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD6717E6TA DIODES-ZXTD6717E6TA Datasheet
124Kb / 7P
   COMPLEMENTARY NPN/PNP LOW SATURATION DUAL TRANSISTORS
More results

Similar Description - ZXTD6717E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD6717E6 DIODES-ZXTD6717E6 Datasheet
124Kb / 7P
   COMPLEMENTARY NPN/PNP LOW SATURATION DUAL TRANSISTORS
ZXTC6718MC DIODES-ZXTC6718MC Datasheet
232Kb / 9P
   COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTORS
ZXTD6717E6 DIODES-ZXTD6717E6_15 Datasheet
772Kb / 8P
   COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTORS IN SOT26
ZXTC6717MC DIODES-ZXTC6717MC_15 Datasheet
231Kb / 9P
   COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTOR
ZXTC6718MC DIODES-ZXTC6718MC_15 Datasheet
231Kb / 9P
   COMPLEMENTARY 20V LOW SATURATION TRANSISTORS
ZXTD717MC DIODES-ZXTD717MC Datasheet
199Kb / 7P
   DUAL 12V PNP LOW SATURATION TRANSISTORS
ZXTD717MC DIODES-ZXTD717MC_15 Datasheet
199Kb / 7P
   DUAL 12V PNP LOW SATURATION TRANSISTORS
ZXTD617MC DIODES-ZXTD617MC Datasheet
198Kb / 7P
   DUAL 15V NPN LOW SATURATION TRANSISTORS
ZXTD617MC DIODES-ZXTD617MC_15 Datasheet
198Kb / 7P
   DUAL 15V NPN LOW SATURATION TRANSISTORS
logo
Zetex Semiconductors
ZXTDB2M832 ZETEX-ZXTDB2M832 Datasheet
264Kb / 8P
   COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com