Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-DA0253-240-B Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

Part # PS-DA0253-240-B
Description  DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-DA0253-240-B Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  PS-DA0253-240-B Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-DA0253-240-B Datasheet HTML 2Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-AC INVERTER UNIT
PS-DA0253-240-B(S) (9 W DUAL OUTPUTS)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (1)
Version 1.0, 30th June 2008
(PRELIMINARY INFORMATION)
DESCRIPTION :
This DC to AC Inverter was developed for many other low LCD Backlight power supply as low profile applications,
either for LCD Monitor or Industrial PC.
Optimized for Sharp: LQ121K1LG11
APPLICABLE LCD:
10 to 15 inches dual lamp type
Lamp Voltage 660 Vrms
Lamp Current
2 x 6.5 mArms
Lamp Start Up Voltage 1.700 Vrms (Vin : 12 Vdc)
FEATURES :
Current Feedback Circuit
High Efficiency
Low noise with voltage resonant circuit
Regulated output current
RoHS compliant (S)
TEMPERATURE & HUMIDITY :
Operating Temperature Range
-10
°C ~ +50°C
Storage Temperature Range
-20
°C ~ +85°C
Humidity
95 %RH max
DIMENSIONS :
L x B x H
153 x 22 x 10 mm
Unit : mm
Weight :40 (g) typ.
Note: Please use plastic screw in case of a non-insulating mounting base!
Pin1
Pin1
Pin1
Components
No.
Part Description
Qty.
Material
Note
1
PCB
1
UL94V-0 (FR-4 or CEM-3)
t=1.6m m
2
Connector CN1
1
53261-0790
Molex or equal
3
Connector CN2 ~ CN3
2
SM02(8.0)B-BHS-1-TB
JST or equal
Input side CN1:
Pin No.
Symbols
Ratings
CN 1-1+2
Vin
10.8 ~ 13.2 Vdc
CN 1-3+4
GND
CN 1-5
Vrm t
0 ~ 0.4 = OFF / 2.5 ~ Vin = ON
CN 1-6
Vbr
0 ~ 1.8 Vdc
CN 1-7
Vbr
0 ~ 10kOhm
Output side CN2 ~ CN3:
Pin No.
Symbols
Ratings
CN 2-1
Vhigh
660 Vrm s (6.5 m Arm s )
CN 2-2
N.C.
-
CN 2-3
Vlow
(GND)


Similar Part No. - PS-DA0253-240-B

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0253-252-B POWER-SYSTEMS-PS-DA0253-252-B Datasheet
288Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-252-BS POWER-SYSTEMS-PS-DA0253-252-BS Datasheet
288Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
More results

Similar Description - PS-DA0253-240-B

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0203-01 POWER-SYSTEMS-PS-DA0203-01 Datasheet
404Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-02 POWER-SYSTEMS-PS-DA0253-02 Datasheet
377Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-11 POWER-SYSTEMS-PS-DA0253-11 Datasheet
348Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-13 POWER-SYSTEMS-PS-DA0253-13 Datasheet
365Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-023 POWER-SYSTEMS-PS-DA0253-023 Datasheet
181Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-146-B POWER-SYSTEMS-PS-DA0253-146-B Datasheet
174Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-252-B POWER-SYSTEMS-PS-DA0253-252-B Datasheet
288Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-03 POWER-SYSTEMS-PS-DA0253-03 Datasheet
374Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-032 POWER-SYSTEMS-PS-DA0253-032 Datasheet
287Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-01-E-B POWER-SYSTEMS-PS-DA0253-01-E-B Datasheet
152Kb / 2P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-DA0253-03-E-B POWER-SYSTEMS-PS-DA0253-03-E-B Datasheet
367Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com