Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL02002033B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPL02002033B
Description  Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPL02002033B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPL02002033B Datasheet HTML 1Page - List of Unclassifed Manufacturers SPL02002033B Datasheet HTML 2Page - List of Unclassifed Manufacturers SPL02002033B Datasheet HTML 3Page - List of Unclassifed Manufacturers SPL02002033B Datasheet HTML 4Page - List of Unclassifed Manufacturers SPL02002033B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
- Linear Position Sensor
- IP65 Dust Proof, Water Proof (Intense Spray)
- Polyester Substrate
- 3M Pressure Sensitive Adhesive (PSA)
- Upon Request
- Male or Female Nicomatic or Berg
Connectors
- Wiper of 1-3 Newton Force to Actuate
Part
- Higher Temperature and/or Contactless
Options Available
spectrasymbol.com
(888) 795-2283
Rev F2 - Page 1
Mechanical Specifications
Electrical Specifications
-Life Cycle: >1 million
-Height: 0.51mm (0.020")
-Actuation Force (with a 10mm wide active cavity):
-40°C 0.8 to 1.8 N
-25°C 0.8 to 1.8 N
+23°C 0.6 to 1.5 N
+50°C 0.6 to 1.5 N
-Resistance - Standard: 10k Ohms
(lengths >300mm = 20k Ohms)
-Resistance - Custom: 1k to 100k Ohms
-Resistance Tolerance: ±20%
-Effective Electrical Travel: 8 to 2000mm
-Linearity (Independent): Linear ±1% & 3%
Rotary ±3% & 5%
-Repeatability: No hysteresis, but with any wiper
looseness some hysteresis will occur
-Power Rating (depending on size, varies with
length and temperature): 1 Watt max. @ 25°C,
0.5 Watt recommended
-Resolution: Analog output theoretically infinite;
affected by variation of contact wiper surface
area.
-Dielectric Value: No affect @ 500VAC for 1
minute
Dimensional Diagram - Stock Linear SoftPot
ACTIVE LENGTH [A]
6.60 [0.260]
PART LENGTH [P]
7.93 [0.312]
20.32 [0.800]
7.11 [0.280]
ACTIVE WIDTH
10.16 [0.400]
TAIL WIDTH
TAIL LENGTH [T]
PIN 1
Environmental Specifications
-Operating Temperature: -40°C to +50°C
-Humidity: No affect @ 95% RH, 4hrs 50°C
-IP Rating of Active Area: IP65
A
50.00mm
1.969"
100.00mm
3.937"
150.00mm
5.906"
200.00mm
7.874"
300.00mm
11.811"
400.00mm
15.748"
500.00mm
19.685"
P
65.86mm
2.593"
25.00mm
0.984"
40.86mm
1.609"
12.50mm
0.492"
28.36mm
1.117"
115.86mm
4.562"
165.86mm
6.531"
215.86mm
8.499"
170.00mm
6.693"
185.86mm
7.318"
315.86mm
12.436"
415.86mm
16.373"
515.86mm
20.310"
750.00mm
29.528"
1000.00mm
39.370"
765.86mm
30.153"
1015.86mm
39.995"
T
24.89mm
0.980"
12.70mm
0.500"


Similar Part No. - SPL02002033B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPL0001PCBT LITTELFUSE-SPL0001PCBT Datasheet
551Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
Rev: 030619
SPL0001PCBT LITTELFUSE-SPL0001PCBT Datasheet
323Kb / 1P
   L600 PCB Series Midget (10x38 mm) Fuse Holder
Rev:4-B-080113
SPL0001PCBT LITTELFUSE-SPL0001PCBT Datasheet
550Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
2019 Rev: 030619
logo
Alpha Wire
SPL001 ALPHAWIRE-SPL001 Datasheet
214Kb / 2P
   M12 Male to 2X M12 Female Splitter
logo
Littelfuse
SPL001 LITTELFUSE-SPL001 Datasheet
1Mb / 4P
   LF Series Fuse Block Covers
Rev: 110413
More results

Similar Description - SPL02002033B

ManufacturerPart #DatasheetDescription
logo
ETAL Group
MPR10 ETAL-MPR10 Datasheet
553Kb / 4P
   water-proof and dust-proof
HPR ETAL-HPR Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
   Shock-proof, dust-proof, and splash-proof housing, IP65
logo
TOKO, Inc
STA8121 TOKO-STA8121 Datasheet
118Kb / 1P
   Dust and Water proof structure
logo
Axiomtek Co., Ltd.
GOT815-834 AXIOMTEK-GOT815-834 Datasheet
452Kb / 2P
   Water/dust/corrosion-proof design IP66/IP69K
logo
FOTEK CONTROLS CO., LTD...
MR-30X FOTEK-MR-30X Datasheet
784Kb / 3P
   MINI & WATER-PROOF PHOTO SENSOR
logo
List of Unclassifed Man...
MP1L00501035ST ETC2-MP1L00501035ST Datasheet
319Kb / 4P
   Contactless Linear Sensor - IP64 Debris Proof, Splash Proof
logo
ALPS ELECTRIC CO.,LTD.
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com