Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320DM642AGDKS7EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SM320DM642AGDKS7EP
Description  Video/Imaging Fixed Point Digital Signal Processor
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320DM642AGDKS7EP Datasheet(HTML) 1 Page - Texas Instruments

  SM320DM642AGDKS7EP Datasheet HTML 1Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 2Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 3Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 4Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 5Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 6Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 7Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 8Page - Texas Instruments SM320DM642AGDKS7EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 170 page
background image
1
SM320DM642-EP Video/Imaging Fixed-Point Digital Signal Processor
1.1 Features
SM320DM642-EP
Video/Imaging Fixed Point Digital Signal Processor
www.ti.com
SGUS058C – JUNE 2007 – REVISED JUNE 2009
VelociTI.2™ Increased Orthogonality
• Controlled Baseline
• L1/L2 Memory Architecture
One Assembly/Test/Fabrication Site
128K Bit (16K Byte) L1P Program Cache
• Enhanced Diminishing Manufacturing Sources
(Direct Mapped)
(DMS) Support
128K Bit (16K Byte) L1D Data Cache (2-Way
• Enhanced Product-Change Notification
Set-Associative)
• Qualification Pedigree(1)
2M Bit (256K Byte) L2 Unified Mapped
• High-Performance Digital Media Processor
RAM/Cache (Flexible RAM/Cache
Allocation)
2 ns, 1.67 ns, 1.39 ns Instruction Cycle
Time
• Endianess: Little Endian, Big Endian
500 MHz, 600 MHz, 720 MHz Clock Rate
64 Bit External Memory Interface (EMIF)
(500/600 MHz devices are product preview
Glueless Interface to Asynchronous
only)
Memories (SRAM and EPROM) and
Eight 32-Bit Instructions/Cycle
Synchronous Memories (SDRAM, SBSRAM,
4000 MIPS, 4800 MIPS, 5760 MIPS
ZBT SRAM, and FIFO)
Fully Software-Compatible With C64x™
• 1024M-Byte Total Addressable External
• VelociTI.2™ Extensions to VelociTI™
Memory Space
Advanced Very Long Instruction Word (VLIW)
• Enhanced Direct-Memory-Access (EDMA)
TMS320C64x™ DSP Core
Controller (64 Independent Channels)
Eight Highly Independent Functional Units
• 10/100 Mbps Ethernet MAC (EMAC)
With VelociTI.2™ Extensions:
IEEE 802.3 Compliant
• Six ALUs (32/40 Bit), Each Supports
Media Independent Interface (MII)
Single 32 Bit, Dual 16 Bit, or Quad 8 Bit
Eight Independent Transmit (TX) Channels
Arithmetic per Clock Cycle
and One Receive (RX) Channel
• Two Multipliers Support Four 16 × 16-Bit
• Management Data Input/Output (MDIO)
Multiplies (32 Bit Results) per Clock
Cycle or Eight 8
× 8 Bit Multiplies (16 Bit
• Three Configurable Video Ports
Results) per Clock Cycle
Provide a Glueless I/F to Common Video
Load-Store Architecture With Non-Aligned
Decoder and Encoder Devices
Support
Supports Multiple Resolutions/Video Stds
64 32-Bit General-Purpose Registers
• VCXO Interpolated Control Port (VIC)
Instruction Packing Reduces Code Size
Supports Audio/Video Synchronization
All Instructions Conditional
• Host Port Interface (HPI) [32/16 Bit]
• Instruction Set Features
• 32 Bit/66 MHz, 3.3-V Peripheral Component
Byte Addressable (8/16/32/64 Bit Data)
Interconnect (PCI) Master/Slave Interface
8-Bit Overflow Protection
Conforms to PCI Specification 2.2
Bit Field Extract, Set, Clear
• Multichannel Audio Serial Port (McASP)
Normalization, Saturation, Bit-Counting
Eight Serial Data Pins
(1)
Component qualification in accordance with JEDEC and
Wide Variety of I2S and Similar Bit Stream
industry standards to ensure reliable operation over an
Format
extended temperature range. This includes, but is not limited
Integrated Digital Audio I/F Transmitter
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
Supports S/PDIF, IEC60958-1, AES-3,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
CP-430 Formats
life. Such qualification testing should not be viewed as
• Inter-Integrated Circuit (I2C Bus™)
justifying use of this component beyond specified
performance and environmental limits.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
C64x, VelociTI.2, VelociTI, TMS320C64x, C6000, TMS320C6000, DM64x, C62x, TMS320C62x, TMS320C67x, Code Composer Studio,
DSP/BIOS, XDS, TMS320 are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SM320DM642AGDKS7EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320DM642AGDKS7EP TI-SM320DM642AGDKS7EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
More results

Similar Description - SM320DM642AGDKS7EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320DM642-EP TI-SM320DM642-EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642_08 Datasheet
1Mb / 176P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643 TI-TMS320DM643_07 Datasheet
1Mb / 162P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643AZDK5 TI1-TMS320DM643AZDK5 Datasheet
1Mb / 164P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI1-TMS320DM642_17 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
SM320DM642-HIREL TI1-SM320DM642-HIREL Datasheet
1Mb / 170P
[Old version datasheet]   SM320DM642-HiRel Video/Imaging Fixed Point Digital Signal Processor
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com