Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2591 Datasheet(PDF) 2 Page - Texas Instruments

Part # CC2591
Description  2.4-GHz RF Front End
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2591 Datasheet(HTML) 2 Page - Texas Instruments

  CC2591_10 Datasheet HTML 1Page - Texas Instruments CC2591_10 Datasheet HTML 2Page - Texas Instruments CC2591_10 Datasheet HTML 3Page - Texas Instruments CC2591_10 Datasheet HTML 4Page - Texas Instruments CC2591_10 Datasheet HTML 5Page - Texas Instruments CC2591_10 Datasheet HTML 6Page - Texas Instruments CC2591_10 Datasheet HTML 7Page - Texas Instruments CC2591_10 Datasheet HTML 8Page - Texas Instruments CC2591_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
CC2591
SWRS070A – MARCH 2008 – REVISED JUNE 2008 ........................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Under no circumstances must the absolute maximum ratings be violated. Stress exceeding one or more of the limiting values
may cause permanent damage to the device.
PARAMETER
VALUE
UNIT
Supply voltage
All supply pins must have the same voltage
–0.3 to 3.6
V
Voltage on any digital pin
–0.3 to VDD + 0.3, max 3.6
Input RF level
10
dBm
Storage temperature range
–50 to 150
°C
The operating conditions for CC2591 are listed below.
PARAMETER
MIN
MAX
UNIT
Ambient temperature range
–40
85
°C
Operating supply voltage
2
3.6
V
Operating frequency range
2400
2483.5
MHz
TC = 25°C, VDD = 3 V , fRF= 2440MHz (unless otherwise noted). Measured on CC2591EM reference design including external
matching components.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receive current, High Gain Mode
HGM = 1
3.4
4
Receive current, Low Gain Mode
HGM = 0
1.7
2
mA
Transmit current
PIN = 0.5 dBm
112
Transmit current
No input signal
40
50
Power down current
EN = PAEN = 0
0.1
0.3
µA
High input level (control pins)
EN, PAEN, HGM, RXTX
1.3
VDD
V
Low input level (control pins)
EN, PAEN, HGM, RXTX
0.3
Power down - Receive mode switching
12
µs
time
Power down - Transmit mode switching
1
µs
time
RF Receive
Gain, High Gain Mode
HGM = 1
11
dB
Gain, Low Gain Mode
HGM = 0
1
dB
Gain variation, 2400 – 2483.5 MHz, High
HGM = 1
1.3
dB
Gain Mode
Gain variation, 2.0V – 3.6V, High Gain
HGM = 1
1.5
dB
Mode
Gain variation, -40°C – 85°C, High Gain
HGM = 1
3
dB
Mode
HGM = 1, including internal T/R switch and external
Noise figure, High Gain Mode
4.8
dB
antenna match
Input 1 dB compression, High Gain Mode
HGM = 1
–17
dBm
Input IP3, High Gain Mode
HGM = 1
–2
dBm
Input reflection coefficient, S11
HGM = 1, measured at antenna port
–11
dB
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CC2591


Similar Part No. - CC2591_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
More results

Similar Description - CC2591_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
[Old version datasheet]   2.4-GHz RF FRONT END
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
logo
Texas Instruments
CC2590 TI-CC2590 Datasheet
664Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
CC2590 TI-CC2590 Datasheet
497Kb / 16P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
logo
Skyworks Solutions Inc.
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com