Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR22P11501 Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # RR22P11501
Description  ROSITION ROUTE SWITCHES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

RR22P11501 Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  RR22P11501 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model(型號): ROSITION ROUTE SWITCHES--------RR22P11501
►Download PDF file
Features:
• Hard tumbler switch in common use
• Have dustproof functions
Applications:
• FA machine, measuring instrument, various kinds of electronic equipment , such as air
conditioner , the electronic musical instrument , stereo switch ,etc.
Dimensions(規格圖):
Operating Force:
ITEMS[
項目]
RR25P/RR25A/RR30P
RR22P
RR10A
一:Electrical Characteristics:[電器性能]
Initial contact resistance[
額定值]
30MΩ
150MΩ
50MΩ
Operation force[操作力]
1.5±0.5kg.cm
5Ncm±20%
153±71gf.cm
Insulation resistance[
絕緣阻抗]
20MΩ Min.500V DC
100Ω Min.100V DC
Withstand resistance[耐電壓]
500V AC for 1 minute
100V AC for 1 minute
Rotational life[
回轉壽命]
10,000 cycles
Http://www.productwell.com E-Mail: pwlhk@productwell.com
Tel: ( 852)2687 3208 Fax: ( 852)2687 3336


Similar Part No. - RR22P11501

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
RR2 SYSTEMSENSOR-RR2 Datasheet
220Kb / 2P
   Polarity Reversal Relay Module
logo
RSG Electronic Componen...
RR2-0505D02A1 RSG-RR2-0505D02A1 Datasheet
1Mb / 4P
   DC/DC-Converter
RR2-0505D02A3 RSG-RR2-0505D02A3 Datasheet
1Mb / 4P
   DC/DC-Converter
RR2-0505D03A1 RSG-RR2-0505D03A1 Datasheet
1Mb / 4P
   DC/DC-Converter
RR2-0505D03A3 RSG-RR2-0505D03A3 Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RR22P11501

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
RR25P12601 PRODUCTWELL-RR25P12601 Datasheet
129Kb / 1P
   ROSITION ROUTE SWITCHES
RR10A12101 PRODUCTWELL-RR10A12101 Datasheet
112Kb / 1P
   ROSITION ROUTE SWITCHES
RR25A12601 PRODUCTWELL-RR25A12601 Datasheet
123Kb / 1P
   ROSITION ROUTE SWITCHES
RR30P11B04 PRODUCTWELL-RR30P11B04 Datasheet
111Kb / 1P
   ROSITION ROUTE SWITCHES
logo
Vincotech
V23990-P760-A-PM VINCOTECH-V23990-P760-A-PM Datasheet
1Mb / 24P
   Very Compact housing, easy to route
F112R6A050SC VINCOTECH-F112R6A050SC Datasheet
615Kb / 6P
   Very compact housing, easy to route
F106R6A030SB VINCOTECH-F106R6A030SB Datasheet
602Kb / 6P
   Very compact housing, easy to route
F112R6A035SC VINCOTECH-F112R6A035SC Datasheet
605Kb / 6P
   Very compact housing, easy to route
V23990-P580-A46-PM VINCOTECH-V23990-P580-A46-PM Datasheet
3Mb / 25P
   Very compact housing, easy to route
F112R6A015SC VINCOTECH-F112R6A015SC Datasheet
616Kb / 6P
   Very compact housing, easy to route
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com