Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-DA0239-01 Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

Part # PS-DA0239-01
Description  AC-AC INVERTER UNIT 10 W DUAL OUTPUTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PS-DA0239-01 Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  PS-DA0239-01 Datasheet HTML 1Page - Power Systems GmbH+Co.KG PS-DA0239-01 Datasheet HTML 2Page - Power Systems GmbH+Co.KG PS-DA0239-01 Datasheet HTML 3Page - Power Systems GmbH+Co.KG PS-DA0239-01 Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AC-AC INVERTER UNIT
PS-DA0239-01(S) ( 10 W DUAL OUTPUTS)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (1)
Version 1.0.1, 12th April 2007
DESCRIPTION :
This low profile AC to AC Inverter is developed for dual lamps.
APPLICABLE LCD:
6.4 to 15 inches double lamp type
Lamp Voltage 650 Vrms
Lamp Current
2 x 7.0 mArms
Lamp Start Up Voltage 1.700 Vrms (Vin : 230 Vdc)
FEATURES :
Open Lamp Detection ???
Efficiency: 70% Min at nominal Input and full load ???
Safety: Meet CE, PSE
EMI requirements: CE EN55022 class B, CISPR 22 class B
RoHS compliant (S)
TEMPERATURE & HUMIDITY :
Operating Temperature Range
0
°C ~ +40°C
Storage Temperature Range
-20
°C ~ +85°C
Humidity
95 %RH max
DIMENSIONS :
L x W x H
210 x 22 x 16,1 mm
Unit : mm
Weight :61 (g) typ.
Note: Please use plastic screw in case of a non-insulating mounting base!
Input side CN1:
Pin No.
Symbols
Ratings
CN 1-1
Vin
90 ~ 264 Vac
CN 1-2
N.C.
CN 1-3
Neutral
Components
No.
Part Description
Qty.
Material
Note
1
PCB
1
UL94V-0 (FR-4 or CEM-3)
t=1m m
2
Connector CN1
1
EK500V-03P
3
Connector CN2 + CN3
2
B3B-XH-A
JST or equal
Output side CN2:
Pin No.
Symbols
Ratings
CN 2-1
Vhigh
Vrm s (7 m Arm s )
CN 2-2
Vlow
(GND)
Output side CN3:
Pin No.
Symbols
Ratings
CN 3-1
Vhigh
Vrm s (7 m Arm s )
CN 3-2
Vlow
(GND)


Similar Part No. - PS-DA0239-01

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0201-01 POWER-SYSTEMS-PS-DA0201-01 Datasheet
203Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0201-01S POWER-SYSTEMS-PS-DA0201-01S Datasheet
203Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0201-02 POWER-SYSTEMS-PS-DA0201-02 Datasheet
202Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0201-02S POWER-SYSTEMS-PS-DA0201-02S Datasheet
202Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0201-03 POWER-SYSTEMS-PS-DA0201-03 Datasheet
202Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
More results

Similar Description - PS-DA0239-01

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-DA0276-01-B POWER-SYSTEMS-PS-DA0276-01-B Datasheet
252Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0201-03 POWER-SYSTEMS-PS-DA0201-03 Datasheet
202Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0201-170-B POWER-SYSTEMS-PS-DA0201-170-B Datasheet
130Kb / 2P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
CXA-0437 POWER-SYSTEMS-CXA-0437 Datasheet
111Kb / 2P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0263-01 POWER-SYSTEMS-PS-DA0263-01 Datasheet
254Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0201-02 POWER-SYSTEMS-PS-DA0201-02 Datasheet
202Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0201-01 POWER-SYSTEMS-PS-DA0201-01 Datasheet
203Kb / 4P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
PS-DA0288-02-X POWER-SYSTEMS-PS-DA0288-02-X Datasheet
204Kb / 4P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
PS-DA0203-01 POWER-SYSTEMS-PS-DA0203-01 Datasheet
404Kb / 4P
   DC-AC INVERTER UNIT 9 W DUAL OUTPUTS
PS-M05D05S3-NJ4L-011 POWER-SYSTEMS-PS-M05D05S3-NJ4L-011 Datasheet
786Kb / 2P
   DC-AC INVERTER UNIT 6,5 W DUAL OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com