Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL01701033RD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SPL01701033RD
Description  Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPL01701033RD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SPL01701033RD Datasheet HTML 1Page - List of Unclassifed Manufacturers SPL01701033RD Datasheet HTML 2Page - List of Unclassifed Manufacturers SPL01701033RD Datasheet HTML 3Page - List of Unclassifed Manufacturers SPL01701033RD Datasheet HTML 4Page - List of Unclassifed Manufacturers SPL01701033RD Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
spectrasymbol.com
(888) 795-2283
Page 5
Diagram - Stock Rotary SoftPot
How to Order - Rotary SoftPot
0353
Active Angle
R
Model
R = Rotary
SP
Series
SP = SoftPot
0046 = 45.57mm
0353 = 353°
0046
103
Resistance
103 = 10 KOhm
Connectors
ST = Soldertab
MP = Male Pins
RH = Receptacles w/Plain Housing
RL = Receptacles w/Latch Housing
RD = Receptacles w/Detent Housing
B = FCI/Berg Clincher
Center of
Active Track
Ø45.57 [Ø1.794]
(CENTER OF TRACK)
Ø65.74 [Ø2.588]
OUTSIDE PERIMETER
PIN 1
10.16 [0.400]
111.88 [4.405]
5.08 [0.200]
Ø25.40 [Ø1.000]
THRU HOLE
5.08 [0.200]
10.01 [0.394]
ACTIVE WIDTH
353°
ACTIVE
ANGLE
Electrical Schematic
Material Cross-Section
10K
(RIGHT BUS BAR)
PIN 3 (GND)
PIN 2
PIN 1 (V+)
(LEFT BUS BAR)
(COLLECTOR)
0.05 [0.002] 3M 200MP ADHESIVE
0.46 [0.018] TOTAL THICKNESS
0.41 [0.016] CIRCUIT
ST
5%
Ind. Linearity
3% = ±3%
5% = ±5%


Similar Part No. - SPL01701033RD

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
SPL0111 AAC-SPL0111 Datasheet
209Kb / 2P
   RF Power Splitter
SPL0141 AAC-SPL0141 Datasheet
209Kb / 2P
   RF Power Splitter
More results

Similar Description - SPL01701033RD

ManufacturerPart #DatasheetDescription
logo
ETAL Group
MPR10 ETAL-MPR10 Datasheet
553Kb / 4P
   water-proof and dust-proof
HPR ETAL-HPR Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
   Shock-proof, dust-proof, and splash-proof housing, IP65
logo
TOKO, Inc
STA8121 TOKO-STA8121 Datasheet
118Kb / 1P
   Dust and Water proof structure
logo
Axiomtek Co., Ltd.
GOT815-834 AXIOMTEK-GOT815-834 Datasheet
452Kb / 2P
   Water/dust/corrosion-proof design IP66/IP69K
logo
FOTEK CONTROLS CO., LTD...
MR-30X FOTEK-MR-30X Datasheet
784Kb / 3P
   MINI & WATER-PROOF PHOTO SENSOR
logo
List of Unclassifed Man...
MP1L00501035ST ETC2-MP1L00501035ST Datasheet
319Kb / 4P
   Contactless Linear Sensor - IP64 Debris Proof, Splash Proof
logo
ALPS ELECTRIC CO.,LTD.
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com