Electronic Components Datasheet Search |
|
HPL04002033RD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
HPL04002033RD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 5 page Features - High Life Cycle - High Temperature Capability - Linear Position Sensor - IP65 Dust Proof, Water Proof (Intense Spray) - Fiberglass Substrate - 3M Pressure Sensitive Adhesive (PSA) - Upon Request - Male or Female Nicomatic Connectors - Wiper of 1-3 Newton Force to Actuate Part - Contactless Options Available spectrasymbol.com (888) 795-2283 Rev F2 - Page 1 Mechanical Specifications Environmental Specifications Electrical Specifications -Life Cycle: >10 million -Height: 0.51mm (0.020") -Actuation Force (with a 10mm wide active cavity): -40°C 3.0 to 5.0 N -25°C 2.0 to 5.0 N +23°C 0.8 to 2.0 N +85°C 0.7 to 1.8 N -Operating Temperature: -40°C to +85°C -Humidity: No affect @ 95% RH, 24hrs 60°C -IP Rating of Active Area: IP65 Dimensional Diagram - Stock Linear HotPots A 50.00mm 1.969" 100.00mm 3.937" 150.00mm 5.906" 200.00mm 7.874" 300.00mm 11.811" 400.00mm 15.748" 500.00mm 19.685" P 65.86mm 2.593" 25.00mm 0.984" 40.86mm 1.609" 12.50mm 0.492" 28.36mm 1.117" 115.86mm 4.562" 165.86mm 6.531" 215.86mm 8.499" 170.00mm 6.693" 185.86mm 7.318" 315.86mm 12.436" 415.86mm 16.373" 515.86mm 20.310" 750.00mm 29.528" 1000.00mm 39.370" 765.86mm 30.153" 1015.86mm 39.995" T 24.89mm 0.980" 12.70mm 0.500" -Resistance - Standard: 10k Ohms (lengths >300mm = 20k Ohms) -Resistance - Custom: 5k to 100k Ohms -Resistance Tolerance: ±20% -Effective Electrical Travel: 10 to 1200mm -Linearity (Independent): Linear ±1% or ±3% Rotary ±3% or ±5% -Repeatability: No hysteresis, but with any wiper looseness some hysteresis will occur -Power Rating (depending on size, varies with length and temperature): 1 Watt max. @ 25°C, 0.5 Watt recommended -Resolution: Analog output theoretically infinite; affected by variation of contact wiper surface area. -Dielectric Value: No affect @ 500VAC for 1 minute ACTIVE LENGTH [A] 6.60 [0.260] PART LENGTH [P] 7.93 [0.312] 20.32 [0.800] 7.11 [0.280] ACTIVE WIDTH 10.16 [0.400] TAIL WIDTH TAIL LENGTH [T] PIN 1 |
Similar Part No. - HPL04002033RD |
|
Similar Description - HPL04002033RD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |