Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXT13P20DE6TA Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXT13P20DE6TA
Description  20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXT13P20DE6TA Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXT13P20DE6TA Datasheet HTML 1Page - Zetex Semiconductors ZXT13P20DE6TA Datasheet HTML 2Page - Zetex Semiconductors ZXT13P20DE6TA Datasheet HTML 3Page - Zetex Semiconductors ZXT13P20DE6TA Datasheet HTML 4Page - Zetex Semiconductors ZXT13P20DE6TA Datasheet HTML 5Page - Zetex Semiconductors ZXT13P20DE6TA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ISSUE 1 - DECEMBER 1999
ZXT13P20DE6
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
113
°C/W
Junction to Ambient (b)
RθJA
73
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 5 secs.
2
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-Base Voltage
VCBO
-25
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-7.5
V
Peak Pulse Current
ICM
-10
A
Continuous Collector Current
IC
-4
A
Base Current
IB
-500
mA
Power Dissipation at TA=25°C (a)
Linear Derating Factor
PD
1.1
8.8
W
mW/°C
Power Dissipation at TA=25°C (b)
Linear Derating Factor
PD
1.7
13.6
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C


Similar Part No. - ZXT13P20DE6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT13P20DE6TA DIODES-ZXT13P20DE6TA Datasheet
418Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P20DE6TA DIODES-ZXT13P20DE6TA Datasheet
376Kb / 7P
   PNP LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT13P20DE6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT10P20DE6 DIODES-ZXT10P20DE6 Datasheet
242Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT14P20DX ZETEX-ZXT14P20DX Datasheet
265Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT14P20DX DIODES-ZXT14P20DX Datasheet
269Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P20DE6 ZETEX-ZXT10P20DE6 Datasheet
230Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13P20DE6 DIODES-ZXT13P20DE6 Datasheet
418Kb / 6P
   20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT12P20DX ZETEX-ZXT12P20DX Datasheet
255Kb / 6P
   DUAL 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTP718MA DIODES-ZXTP718MA Datasheet
163Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT2MA DIODES-ZXT2MA_15 Datasheet
160Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZX5T2E6 DIODES-ZX5T2E6_16 Datasheet
330Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT2MA DIODES-ZXT2MA Datasheet
160Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com