Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC11EA9 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC68HC11EA9
Description  8-Bit Microcontrollers
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC11EA9 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC68HC11EA9 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC11EA9 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC11EA9 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC11EA9 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC11EA9 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC11EA9 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC11EA9 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC11EA9 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC11EA9 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
MC68HC11EA9
6
MC68HC11EA9TS/D
Figure 3 MC68HC(7)11EA9 56-Pin SDIP Pin Assignments
EA9 56-PIN DIP
* VPPE APPLIES ONLY TO MC68HC711EA9.
PC0/ADDR0/DATA0
PC1/ADDR1/DATA1
PC2/ADDR2/DATA2
PC3/ADDR3/DATA3
PC4/ADDR4/DATA4
PC5/ADDR5/DATA5
PC6/ADDR6/DATA6
PC7/ADDR7/DATA7
RESET
XIRQ/VPPE
MC68HC(7)11EA9
(0.070" SPACING)
9
10
11
12
13
14
15
16
17
18
IRQ/VPPEE
19
20
21
*
22
PD1/TxD
23
MODB/VSTBY 24
VDDSYN
25
XFC
26
VSS
27
VDD 28
XTAL
8
NC
7
STRB/R/W
6
E
5
STRA/AS
4
3
2
VDD 1
PE0/AN0
PB0/ADDR8
PB1/ADDR9
PB2/ADDR10
PB3/ADDR11
PB4/ADDR12
PB5/ADDR13
PB6/ADDR14
PB7/ADDR15
NC
PA1/IC2
46
45
44
43
42
41
40
39
38
37
36
PE4/AN4
47
PE1/AN1
48
PA2/IC1
35
PA3/OC5/IC4/OC1
34
PA4/OC4/OC1
33
PA5/OC3/OC1
32
PA6/OC2/OC1
31
PA7/PAI/OC1
30
29
PE5/AN5
49
PE2/AN2
50
PE6/AN6
51
PE3/AN3
52
PE7/AN7
53
VRL
54
VRH
55
VSS
56
PD0/RxD
VSS
MODA/LIR
EXTAL
NC
PA0/IC3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC11EA9

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11EA9 MOTOROLA-MC68HC11EA9 Datasheet
270Kb / 2P
   8 BIT HCMOS SINGLE CHIP MICROCONTOROLLER WITH A/D CONVERTER
MC68HC11EA9 MOTOROLA-MC68HC11EA9 Datasheet
678Kb / 4P
   CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers
More results

Similar Description - MC68HC11EA9

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com