Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXT12P40DXTA Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXT12P40DXTA
Description  DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXT12P40DXTA Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXT12P40DXTA Datasheet HTML 1Page - Zetex Semiconductors ZXT12P40DXTA Datasheet HTML 2Page - Zetex Semiconductors ZXT12P40DXTA Datasheet HTML 3Page - Zetex Semiconductors ZXT12P40DXTA Datasheet HTML 4Page - Zetex Semiconductors ZXT12P40DXTA Datasheet HTML 5Page - Zetex Semiconductors ZXT12P40DXTA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ISSUE 1 - MARCH 2000
ZXT12P40DX
PACKAGE DIMENSIONS
PAD LAYOUT DETAILS
6
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
© Zetex plc 2000
Telefon: (49) 89 45 49 49 0
Telephone: (631) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (631) 864-7630
Fax: (852) 24250 494
Internet:http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for
any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves
the right to alter without notice the specification, design, price or conditions of supply of any product or service.
D
eX 6
L
C
1
23
4
5
6
7
8
θ°
B
Conforms to JEDEC MO-187 Iss A
DIM
Millimetres
Inches
MIN
MAX
MIN
MAX
A
1.10
0.043
A1
0.05
0.15
0.002
0.006
B
0.25
0.40
0.010
0.016
C
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
e
0.65
BSC
0.0256
BSC
E
2.90
3.10
0.114
0.122
H
4.90
BSC
0.193
BSC
L
0.40
0.70
0.016
0.028


Similar Part No. - ZXT12P40DXTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT12P40DXTA ZETEX-ZXT12P40DXTA Datasheet
326Kb / 7P
   SuperSOT4??DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT12P40DXTA DIODES-ZXT12P40DXTA Datasheet
334Kb / 7P
   DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT12P40DXTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT12P40DX DIODES-ZXT12P40DX Datasheet
334Kb / 7P
   DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD720MC DIODES-ZXTD720MC_15 Datasheet
194Kb / 7P
   DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT12P40DX ZETEX-ZXT12P40DX_06 Datasheet
326Kb / 7P
   SuperSOT4??DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT14P40DX DIODES-ZXT14P40DX Datasheet
264Kb / 6P
   40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P40DE6 ZETEX-ZXT10P40DE6 Datasheet
228Kb / 6P
   40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P40DE6 DIODES-ZXT10P40DE6 Datasheet
241Kb / 6P
   40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT13P40DE6 ZETEX-ZXT13P40DE6 Datasheet
413Kb / 6P
   40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTD720MC DIODES-ZXTD720MC Datasheet
192Kb / 7P
   DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT13P40DE6 DIODES-ZXT13P40DE6 Datasheet
422Kb / 6P
   40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT14P40DX ZETEX-ZXT14P40DX Datasheet
262Kb / 6P
   SuperSOT4??40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com