Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDN60-2400 Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

Part # VDN60-2400
Description  DC-DC Power Supplies 60 WATTS DC-DC CAR and FLIGHT ADAPTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

VDN60-2400 Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  VDN60-2400 Datasheet HTML 1Page - Power Systems GmbH+Co.KG VDN60-2400 Datasheet HTML 2Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VDN 60 SERIES (60 WATTS DC-DC CAR and FLIGHT ADAPTER)
DC-DC Power Supplies
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Dörnet 8 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 80
All specification are subject to change without notice.
Page ( 1 / 2 )
VER, 17.03.2009
Model No.
Po
Vo
Io max
VDN60-1500
60W
15V
4.0A
VDN60-1600
60W
16V
3.75A
VDN60-1800
60W
18V
3.35A
VDN60-1900
60W
19V
3.16A
VDN60-2000
60W
20V
3.0A
VDN60-2200
60W
22V
2.73A
VDN60-2400
60W
24V
2.5A
Features
Environmental
Electrical specifications
Input plug for car cigarette receptacle
and new with aircraft plug
(Order suffix: VDN60….F)
Wide range DC input 10.7-28VDC
Interchangeable DC output cable*
for different application
Adjustable output voltage & current
Constant current output built-in
Fully enclosed plastic case
Fully regulated output
High efficiency; High Quality
Input
Output
Voltage ...........................10.7-28VDC (wide range)
Current .......................... 6.5Arms Max. @12VDC I/P
Fuse .............................. 8A
Voltage (Vo) .................. (see table)
Tolerance ....................... 5%
Power (Po) ..................... 60W Max.
Voltage adjust range ..... 15-24VDC
Current limit range (Io) ... 2.1-4.2A (adjustable)
Overcurrent protection ... Constant current type
Short circuit protection ... Built-in
Over temp protection ….. Built-in
Efficiency ....................... 85% typ. at full load and 12VDC I/P
Ripple/Noise(Vp-p) ........ 1% Max. (20MHz bandwidth)
Operating temperature
Storage temperature
0 deg. C to +40 deg. C ambient
-20 deg. C to +80 deg. C ambient
*Output cable please refer to output cable diagram.
EMI
Safety
UL:
CE:
E1:
UL 2089
EN 60950
(E13 Luxembourg)
Output Electronic Specifications
Meet ............................ CISPR 22
Air discharge ............... 15kV
Contact discharge ....... 3kV


Similar Part No. - VDN60-2400

ManufacturerPart #DatasheetDescription
logo
CUI INC
VDN1-DIP CUI-VDN1-DIP Datasheet
136Kb / 3P
   Dc-Dc Converter
VDN1-S12-DI12-DIP CUI-VDN1-S12-DI12-DIP Datasheet
136Kb / 3P
   Dc-Dc Converter
VDN1-S12-DI15-DIP CUI-VDN1-S12-DI15-DIP Datasheet
136Kb / 3P
   Dc-Dc Converter
VDN1-S12-DI5-DIP CUI-VDN1-S12-DI5-DIP Datasheet
136Kb / 3P
   Dc-Dc Converter
VDN1-S12-DI9-DIP CUI-VDN1-S12-DI9-DIP Datasheet
136Kb / 3P
   Dc-Dc Converter
More results

Similar Description - VDN60-2400

ManufacturerPart #DatasheetDescription
logo
RRC power solutions Ltd...
CAR15B RRC-CAR15B Datasheet
264Kb / 3P
   Car Adapter DC/DC
RRC-SMB-CAR RRC-RRC-SMB-CAR Datasheet
210Kb / 3P
   Car Adapter DC/DC
CAR100M RRC-CAR100M Datasheet
281Kb / 3P
   Car Adapter DC/DC
CAR150U RRC-CAR150U Datasheet
265Kb / 3P
   Car Adapter DC/DC
CAR4A RRC-CAR4A Datasheet
275Kb / 3P
   Car Adapter DC/DC
CAR90A RRC-CAR90A Datasheet
234Kb / 3P
   Car Adapter DC/DC
CAR12A RRC-CAR12A Datasheet
256Kb / 3P
   Car Adapter DC/DC
CAR70M RRC-CAR70M Datasheet
278Kb / 3P
   Car Adapter DC/DC
CAR90AUSB RRC-CAR90AUSB Datasheet
269Kb / 3P
   Car Adapter DC/DC
CAR90U RRC-CAR90U Datasheet
266Kb / 3P
   Car Adapter DC/DC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com