Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUS-4812-1 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # SUS-4812-1
Description  DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

SUS-4812-1 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  SUS-4812-1 Datasheet HTML 1Page - Power Systems GmbH+Co.KG SUS-4812-1 Datasheet HTML 2Page - Power Systems GmbH+Co.KG SUS-4812-1 Datasheet HTML 3Page - Power Systems GmbH+Co.KG SUS-4812-1 Datasheet HTML 4Page - Power Systems GmbH+Co.KG SUS-4812-1 Datasheet HTML 5Page - Power Systems GmbH+Co.KG SUS-4812-1 Datasheet HTML 6Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.Power-Systems.de
Page: 2 / 6
Version: 4-Oct-02
SU Series (0,5W TO 1W UNREGULATED DC-DC CONVERTER)
DC-DC Converter UNIT
SELECTION GUIDE
0.5W-1W OUTPUT
INPUT
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
ISOLATION
(VDC)
OUTPUT
POWER
(Watt)
SUS-0505-1
5
5
100
135
11
74
1000
0.5W
SUS-0509-1
5
9
56
133
14
75
1000
0.5W
SUS-0512-1
5
12
42
127
14
79
1000
0.5W
SUS-0515-1
5
15
34
130
15
77
1000
0.5W
SUS-1205-1
12
5
100
55
6
76
1000
0.5W
SUS-1209-1
12
9
56
52
5
80
1000
0.5W
SUS-1212-1
12
12
42
50
5
83
1000
0.5W
SUS-1215-1
12
15
34
50
5
83
1000
0.5W
SUS-2405-1
24
5
100
28
3
74
1000
0.5W
SUS-2409-1
24
9
56
25
3
83
1000
0.5W
SUS-2412-1
24
12
42
25
3
83
1000
0.5W
SUS-2415-1
24
15
34
25
3
83
1000
0.5W
SUS-4805-1
48
5
100
14
2
74
1000
0.5W
SUS-4809-1
48
9
56
13
2
80
1000
0.5W
SUS-4812-1
48
12
42
13
2
80
1000
0.5W
SUS-4815-1
48
15
34
13
2
80
1000
0.5W
SUS-0505-2
5
5
200
274
21
73
1000
1W
SUS-0509-2
5
9
111
268
20
75
1000
1W
SUS-0512-2
5
12
84
255
20
78
1000
1W
SUS-0515-2
5
15
67
253
20
79
1000
1W
SUS-1205-2
12
5
200
112
11
74
1000
1W
SUS-1209-2
12
9
111
105
10
79
1000
1W
SUS-1212-2
12
12
84
102
10
82
1000
1W
SUS-1215-2
12
15
67
102
10
82
1000
1W
SUS-2405-2
24
5
200
58
10
72
1000
1W
SUS-2409-2
24
9
111
52
6
80
1000
1W
SUS-2412-2
24
12
84
50
5
83
1000
1W
SUS-2415-2
24
15
67
50
5
83
1000
1W
SUS-4805-2
48
5
200
28
3
74
1000
1W
SUS-4809-2
48
9
111
27
3
77
1000
1W
SUS-4812-2
48
12
84
25
3
83
1000
1W
SUS-4815-2
48
15
67
25
2
83
1000
1W


Similar Part No. - SUS-4812-1

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SUS01 MEANWELL-SUS01 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SUS01 MEANWELL-SUS01 Datasheet
167Kb / 1P
   1W DC-DC Unregulated Single Output Converter
logo
List of Unclassifed Man...
SUS01L ETC1-SUS01L Datasheet
100Kb / 4P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
SUS01L-05 ETC1-SUS01L-05 Datasheet
100Kb / 4P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
logo
Mean Well Enterprises C...
SUS01L-05 MEANWELL-SUS01L-05 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results

Similar Description - SUS-4812-1

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
SRS-0505-1 POWER-SYSTEMS-SRS-0505-1 Datasheet
203Kb / 5P
   DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com