Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAWD-2412T Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # FAWD-2412T
Description  DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

FAWD-2412T Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  FAWD-2412T Datasheet HTML 1Page - Power Systems GmbH+Co.KG FAWD-2412T Datasheet HTML 2Page - Power Systems GmbH+Co.KG FAWD-2412T Datasheet HTML 3Page - Power Systems GmbH+Co.KG FAWD-2412T Datasheet HTML 4Page - Power Systems GmbH+Co.KG FAWD-2412T Datasheet HTML 5Page - Power Systems GmbH+Co.KG FAWD-2412T Datasheet HTML 6Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.Power-Systems.de
Page: 2 / 6
Version: 4-Oct-02
FAW Series (10W WIDE INPUT RANGE DC-DC CONVERTER)
DC-DC Converter UNIT
SELECTION GUIDE(1)
2: 1 10W OUTPUT
INPUT
4
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
5
ISOLATION
(VDC)
FAWS-1203.3
9-18
3.3
2400
891
30
74
1000
FAWS-1205
9-18
5
2000
1068
30
78
1000
FAWS-1212
9-18
12
830
1040
28
80
1000
FAWS-1215
9-18
15
670
1020
28
81
1000
FAWS-1224
9-18
24
416
1020
28
82
1000
FAWD-1205
9-18
+/-5
+/-1000
1068
30
78
1000
FAWD-1212
9-18
+/-12
+/-416
1029
28
81
1000
FAWD-1215
9-18
+/-15
+/-333
1020
28
82
1000
FAWS-2403.3
9-18
3.3
2400
434
16
76
1000
FAWS-2405
18-36
5
2000
527
16
79
1000
FAWS-2409
18-36
9
1111
523
20
80
1000
FAWS-2412
18-36
12
830
508
15
82
1000
FAWS-2415
18-36
15
670
502
15
83
1000
FAWS-2424
18-36
24
416
502
15
83
1000
FAWD-2405
18-36
+/-5
+/-1000
527
16
79
1000
FAWD-2412
18-36
+/-12
+/-416
508
15
82
1000
FAWD-2415
18-36
+/-15
+/-333
502
15
83
1000
FAWS-4803.3
36-72
3.3
240
217
8
76
1000
FAWS-4805
36-72
5
2000
264
8
79
1000
FAWS-4812
36-72
12
830
254
7
82
1000
FAWS-4815
36-72
15
670
254
7
82
1000
FAWS-4824
36-72
24
416
254
7
82
1000
FAWD-4805
36-72
+/-5
+/-1000
264
8
79
1000
FAWD-4812
36-72
+/-12
+/-416
254
7
82
1000
FAWD-4815
36-72
+/-15
+/-333
254
7
82
1000
FAWD-4824
36-72
+/-24
+/-208
254
16
82
1000
Note: Other input to output voltages may be available. Please contact factory.
4 NOMINAL INPUT VOLTAGE.
5 NOMINAL INPUT VOLTAGE,FULL LOAD.


Similar Part No. - FAWD-2412T

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
FAW DIWELL-FAW Datasheet
776Kb / 9P
   10W WIDE INPUT RANGE
2013/10/29
More results

Similar Description - FAWD-2412T

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
logo
CUI INC
VED15 CUI-VED15 Datasheet
285Kb / 3P
   wide input DC/DC converter
logo
Minmax Technology Co., ...
MDWI10 MINMAX-MDWI10 Datasheet
489Kb / 5P
   DC-DC CONVERTER 10W
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
   2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
10DCPE GAPTEC-10DCPE Datasheet
695Kb / 6P
   10W - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
logo
C&D Technologies
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com