Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2398 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK2398
Description  DC−DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2398 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK2398 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2398 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2398 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2398 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2398 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2398 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2398
2009-12-21
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut−off current
IDSS
VDS = 60 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
60
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
3.0
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 25 A
22
30
mΩ
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 25 A
15
27
S
Input capacitance
Ciss
1800
Reverse transfer capacitance
Crss
350
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
900
pF
Rise time
tr
20
Turn−on time
ton
30
Fall time
tf
40
Switching time
Turn−off time
toff
130
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
60
Gate−source charge
Qgs
40
Gate−drain (“miller”) charge
Qgd
VDD ≈ 48 V, VGS = 10 V, ID = 45 A
20
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
45
A
Pulse drain reverse current
(Note 1)
IDRP
180
A
Forward voltage (diode)
VDSF
IDR = 45 A, VGS = 0 V
−1.8
V
Reverse recovery time
trr
60
ns
Reverse recovery charge
Qrr
IDR = 45 A, VGS = 0 V
dIDR / dt = 50 A / μs
51
μC
Marking
K2398
Lot No.
Note 4
Part No. (or abbreviation code)
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.


Similar Part No. - 2SK2398

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2398 TOSHIBA-2SK2398 Datasheet
290Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2398 TOSHIBA-2SK2398 Datasheet
759Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK2398 ISC-2SK2398 Datasheet
60Kb / 2P
   Fast Switching Speed
logo
Toshiba Semiconductor
2SK2398 TOSHIBA-2SK2398 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK2398 TOSHIBA-2SK2398_06 Datasheet
759Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
More results

Similar Description - 2SK2398

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2746 TOSHIBA-2SK2746_09 Datasheet
425Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SK1119 TOSHIBA-2SK1119_09 Datasheet
556Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SK2847 TOSHIBA-2SK2847_09 Datasheet
417Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SK2718 TOSHIBA-2SK2718_09 Datasheet
419Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SK1359 TOSHIBA-2SK1359_09 Datasheet
415Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SK1544 TOSHIBA-2SK1544_09 Datasheet
387Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SK1120 TOSHIBA-2SK1120_09 Datasheet
417Kb / 6P
   DC−DC Converter and Motor Drive Applications
2SJ304 TOSHIBA-2SJ304_07 Datasheet
695Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606_09 Datasheet
154Kb / 3P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ312 TOSHIBA-2SJ312_09 Datasheet
392Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com