Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECASD41C156M040K00 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # ECASD41C156M040K00
Description  POLYMER Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ECASD41C156M040K00 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  ECASD41C156M040K00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ECASD41C156M040K00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ECASD41C156M040K00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ECASD41C156M040K00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ECASD41C156M040K00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ECASD41C156M040K00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. ECASD41C156M040K00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ECASD41C156M040K00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Polymer Aluminum Electrolytic Capacitors
w w w .mur a ta.c om
3
Capacitance Range: 6.8 to 470μF
„
Rated Voltage: 2 to 16VDC
„
ESR: 6 to 70mΩ
„
Operating Temperature: -40 to 105°C
„
Capacitance Code
Rated Voltage Code
220uF/2V
Appearance
W
L
W1
T
S
S
External Dimensions
Case Size
Case Size EIA Code
L
W
T
W1
S
D4
7343
7.3+/-0.3 4.3+/-0.2 1.9+/-0.1 2.4+/-0.2 1.3+/-0.2
D6
7343
7.3+/-0.3 4.3+/-0.2 2.8+/-0.3 2.4+/-0.2 1.3+/-0.2
D9
7343
7.3+/-0.3 4.3+/-0.3 4.2+/-0.3
1.3+/-0.2
2.4+/-0.2
(Units: mm)
Specifications
Product Lineup
Mass Production
To Be Released in 2010
D4 Case Size
6
ESR (mΩ)
Capacitance Value (µF)
6.8 8.2 10 15 22 33 47 56 68 82 100 150 180 220 270
2
D4
16
D4
9
D4
9
D4
6
D6
7
D4
4.5
D6
6
4
D4
20
D4
16
D4
16
D6
12
D6
10
6.3
D4
55
D4
45
D4
25
D4
25
D4
15
D4
15
D6
10
D9
10
10
D4
55
D4
28
D4
25
D6
15
D9
10
D9
10
12.5
D4
55
D4
45
D4
30
D6
25
D6
20
D9
20
D9
12
16
D4
70
D4
60
D4
40
D6
30
470
330
D9
8
POLYMER
SOLUTIONS
POLYMER & MLCC
SOLUTIONS
POLYMER
SOLUTIONS
POLYMER & MLCC
SOLUTIONS


Similar Part No. - ECASD41C156M040K00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ECASD60J187M010K00 MURATA-ECASD60J187M010K00 Datasheet
47Kb / 1P
   Polymer Aluminum Electrolytic Capacitors
More results

Similar Description - ECASD41C156M040K00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
Murata Manufacturing Co...
ECASD60J187M010K00 MURATA-ECASD60J187M010K00 Datasheet
47Kb / 1P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com