Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRS-0505C Datasheet(PDF) 3 Page - Power Systems GmbH+Co.KG

Part # PRS-0505C
Description  DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

PRS-0505C Datasheet(HTML) 3 Page - Power Systems GmbH+Co.KG

  PRS-0505C Datasheet HTML 1Page - Power Systems GmbH+Co.KG PRS-0505C Datasheet HTML 2Page - Power Systems GmbH+Co.KG PRS-0505C Datasheet HTML 3Page - Power Systems GmbH+Co.KG PRS-0505C Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.Power-Systems.de
Page: 3 / 4
Version: 4-Oct-02
PR Series ( 1 W REGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
MECHANICAL DIMENSIONS &
RECOMMENDED FOOTPRINT DETAILS
PIN
SINGLE
1
+Vin
2
-Vin
4
-Vout
5
NP
6
+Vout
SIMPLIFIED SCHEMATIC
TYPICAL
APPLICATIONS
-Vin
+Vout
+Vin
OSCILLATOR
DRIVER
-Vout
REGULATOR
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER


Similar Part No. - PRS-0505C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
   relay
logo
IET Labs Inc.
PRS-200 IET-PRS-200 Datasheet
491Kb / 5P
   Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
PRS-200W IET-PRS-200W Datasheet
491Kb / 5P
   Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
PRS-201 IET-PRS-201 Datasheet
491Kb / 5P
   Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
PRS-201W IET-PRS-201W Datasheet
491Kb / 5P
   Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
More results

Similar Description - PRS-0505C

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CBRS-0505-3K POWER-SYSTEMS-CBRS-0505-3K Datasheet
245Kb / 5P
   DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
SRS-0505-1 POWER-SYSTEMS-SRS-0505-1 Datasheet
203Kb / 5P
   DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com