Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CARS-4805M Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # CARS-4805M
Description  DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CARS-4805M Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  CARS-4805M Datasheet HTML 1Page - Power Systems GmbH+Co.KG CARS-4805M Datasheet HTML 2Page - Power Systems GmbH+Co.KG CARS-4805M Datasheet HTML 3Page - Power Systems GmbH+Co.KG CARS-4805M Datasheet HTML 4Page - Power Systems GmbH+Co.KG CARS-4805M Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.Power-Systems.de
Page: 2 / 5
Version: 4-Oct-02
CAR Series ( 2W REGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
SELECTION GUIDE
2W OUTPUT
INPUT
CURRENT(mA)
MODEL
NUMBER
4
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(Ma)
FULL
LOAD
NO
LOAD
EFF
(%)
ISOLATION
(VDC)
CARS-0505(M)
4.5-5.5
5
400
727
64
55
1000
CARS-0509(M)
4.5-5.5
9
222
635
50
63
1000
CARS-0512(M)
4.5-5.5
12
167
615
50
65
1000
CARS-0515(M)
4.5-5.5
15
133
625
50
64
1000
CARD-0505(M)
4.5-5.5
+/-5
+/-200
696
70
57
1000
CARD-0512(M)
4.5-5.5
+/-12
+/-84
649
63
62
1000
CARD-0515(M)
4.5-5.5
+/-15
+/-67
625
50
64
1000
CARS-1205(M)
10.8-13.2
5
400
273
20
61
1000
CARS-1209(M)
10.8-13.2
9
222
265
20
63
1000
CARS-1212(M)
10.8-13.2
12
167
252
20
66
1000
CARS-1215(M)
10.8-13.2
15
133
242
20
69
1000
CARD-1205(M)
10.8-13.2
+/-5
+/-200
273
20
61
1000
CARD-1212(M)
10.8-13.2
+/-12
+/-84
252
20
66
1000
CARD-1215(M)
10.8-13.2
+/-15
+/-67
257
38
65
1000
CARS-2405(M)
21.6-26.4
5
400
132
13
63
1000
CARS-2409(M)
21.6-26.4
9
222
126
13
66
1000
CARS-2412(M)
21.6-26.4
12
167
121
13
69
1000
CARS-2415(M)
21.6-26.4
15
133
121
13
69
1000
CARD-2405(M)
21.6-26.4
+/-5
+/-200
132
13
63
1000
CARD-2412(M)
21.6-26.4
+/-12
+/-84
121
13
69
1000
CARD-2415(M)
21.6-26.4
+/-15
+/-67
121
13
69
1000
CARS-4805(M)
43.2-52.8
5
400
66
8
63
1000
CARS-4809(M)
43.2-52.8
9
222
63
8
66
1000
CARS-4812(M)
43.2-52.8
12
167
60
8
69
1000
CARS-4815(M)
43.2-52.8
15
133
60
8
69
1000
CARD-4805(M)
43.2-52.8
+/-5
+/-200
66
8
63
1000
CARD-4812(M)
43.2-52.8
+/-12
+/-84
60
8
69
1000
CARD-4815(M)
43.2-52.8
+/-15
+/-67
60
8
69
1000
Note: Other input to output voltages may be available. Please contact factory.
4 CAR*-**** ------ Non-Conductive Plastic
CAR*-****M ------ Six -sided shield case


Similar Part No. - CARS-4805M

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CAR WELWYN-CAR Datasheet
109Kb / 2P
   Ultra Precision Metal Film Resistors
logo
IRC - a TT electronics ...
CAR IRCTT-CAR Datasheet
193Kb / 2P
   Ultra Precision Metal Film Resistor
logo
TT Electronics.
CAR TTELEC-CAR Datasheet
310Kb / 3P
   Superior moisture performance
logo
Sanyou Corporation Limi...
CAR SANYOU-CAR Datasheet
171Kb / 2P
   Motorcycle Relay
logo
GOOD SKY ELECTRIC CO., ...
CAR GOODSKY-CAR Datasheet
390Kb / 4P
   Relay
More results

Similar Description - CARS-4805M

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CBRS-0505-3K POWER-SYSTEMS-CBRS-0505-3K Datasheet
245Kb / 5P
   DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SPA02 MEANWELL-SPA02_11 Datasheet
249Kb / 1P
   2W DC-DC Regulated Single Output Converter
SPA02 MEANWELL-SPA02 Datasheet
247Kb / 1P
   2W DC-DC Regulated Single Output Converter
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
logo
Power Systems GmbH+Co.K...
SRS-0505-1 POWER-SYSTEMS-SRS-0505-1 Datasheet
203Kb / 5P
   DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER
logo
Chinfa Electronics Ind....
SAD02-9559 CHINFA-SAD02-9559 Datasheet
265Kb / 2P
   DC - DC CONVERTER 2W
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com