Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECASD41B106M055K00 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # ECASD41B106M055K00
Description  POLYMER Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ECASD41B106M055K00 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  ECASD41B106M055K00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ECASD41B106M055K00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ECASD41B106M055K00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ECASD41B106M055K00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ECASD41B106M055K00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ECASD41B106M055K00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. ECASD41B106M055K00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ECASD41B106M055K00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Polymer Aluminum Electrolytic Capacitors
w w w .mur a ta.c om
2
Murata Manufacturing Co., Ltd.’s ECAS series of polymer aluminum electrolytic capacitors are ideal for low ESR, high
capacitance applications in a variety of commercial and industrial markets. Utilizing innovative design and manufacturing
processes, the ECAS series provides a high level of performance allowing circuit designers to achieve excellent noise
suppression, ripple absorption, and output smoothing in power management applications.
Resin molded case structure utilizes multilayer
„
aluminum foil for anode and solid conductive
polymer for cathode
High capacitance and Low ESR
„
High frequency performance up to 500kHz with low
„
impedance for excellent noise suppression
Stable capacitance with applied voltage
„
Stable capacitance with temperature
„
Stable capacitance at high operating frequencies
„
No voltage derating required
„
Polarity bar (positive) noted on product
„
Surface mount construction
„
RoHS compliant
„
Halogen free epoxy
„
MSL 3 packaging
„
Features
1
10
μ
1
μ
100
μ
1m
10m
10
100
Capacitance (F)
Existing Products
Murata’s Chip Type Polymer Aluminum Capacitor
Murata’s Chip Type Polymer Aluminum Capacitor
Capacitor Map


Similar Part No. - ECASD41B106M055K00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ECASD60J187M010K00 MURATA-ECASD60J187M010K00 Datasheet
47Kb / 1P
   Polymer Aluminum Electrolytic Capacitors
More results

Similar Description - ECASD41B106M055K00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
Murata Manufacturing Co...
ECASD60J187M010K00 MURATA-ECASD60J187M010K00 Datasheet
47Kb / 1P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com