Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRS-1215 Datasheet(PDF) 4 Page - Power Systems GmbH+Co.KG

Part # HRS-1215
Description  DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

HRS-1215 Datasheet(HTML) 4 Page - Power Systems GmbH+Co.KG

  HRS-1215 Datasheet HTML 1Page - Power Systems GmbH+Co.KG HRS-1215 Datasheet HTML 2Page - Power Systems GmbH+Co.KG HRS-1215 Datasheet HTML 3Page - Power Systems GmbH+Co.KG HRS-1215 Datasheet HTML 4Page - Power Systems GmbH+Co.KG HRS-1215 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.Power-Systems.de
Page: 4 / 5
Version: 4-Oct-02
HR Series ( 1.8 W REGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
SIMPLIFIED SCHEMATIC
TYPICAL
APPLICATIONS
-Vin
+Vout
+Vin
OSCILLATOR
DRIVER
-Vout
REGULATOR
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER
TYPICAL PERFORMANCE CUREVES
EFFICIENCY VS LOAD
DERATING CURVE
0.0
20.0
40.0
60.0
80.0
0
2040
6080
100
% OF RATED LOAD(%)
0.0
0.4
0.8
1.2
1.6
2.0
-25
0
25
50
70
100
TA(degree C)
HR SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
No external capacitance is required for operation of the HR series.
To meet the reflected ripple requirements of the converter, an input impedance of less than 0.5 ohm
from DC to 100KHz is required.
External output capacitance is not required for operation, however it is recommended that 10uF
tantalum and 0.1uF ceramic capacitance be selected for reduced system noise.
Additional output capacitance may be added for increased filtering, but should not exceed 220uF.
SAFE
OPERATING
AREA


Similar Part No. - HRS-1215

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HRS-12-R MSYSTEM-HRS-12-R Datasheet
102Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HRS-12-R/BL MSYSTEM-HRS-12-R/BL Datasheet
102Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HRS-12-R/K MSYSTEM-HRS-12-R/K Datasheet
102Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HRS-12-R/Q MSYSTEM-HRS-12-R/Q Datasheet
102Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
More results

Similar Description - HRS-1215

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
logo
Murata Power Solutions ...
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
logo
Power Systems GmbH+Co.K...
CBRS-0505-3K POWER-SYSTEMS-CBRS-0505-3K Datasheet
245Kb / 5P
   DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
SRS-0505-1 POWER-SYSTEMS-SRS-0505-1 Datasheet
203Kb / 5P
   DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com