Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KWS-1205 Datasheet(PDF) 4 Page - Power Systems GmbH+Co.KG

Part # KWS-1205
Description  DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

KWS-1205 Datasheet(HTML) 4 Page - Power Systems GmbH+Co.KG

  KWS-1205 Datasheet HTML 1Page - Power Systems GmbH+Co.KG KWS-1205 Datasheet HTML 2Page - Power Systems GmbH+Co.KG KWS-1205 Datasheet HTML 3Page - Power Systems GmbH+Co.KG KWS-1205 Datasheet HTML 4Page - Power Systems GmbH+Co.KG KWS-1205 Datasheet HTML 5Page - Power Systems GmbH+Co.KG KWS-1205 Datasheet HTML 6Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.Power-Systems.de
Page: 4 / 6
Version: 4-Oct-02
KW Series ( 15 W WIDE INPUT RANGE DC-DC CONVERTER )
DC-DC Converter UNIT
SIMPLIFIED SCHEMATIC
SINGLE OUTPUT
DUAL OUTPUT
-Vin
+Vin
+Vout
-Vout
REFERENCE
&
ERROR AMP
ISOLATION
PWM
CONTROLLER
-Vin
+Vin
+Vout
-Vout
REFERENCE
&
ERROR AMP
ISOLATION
PWM
CONTROLLER
Common
MECHANICAL DIMENSIONS
PIN
SINGLE
DUAL
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
NO PIN
Common
5
-Vout
-Vout
RECOMMENDED FOOTPRINT DETAILS


Similar Part No. - KWS-1205

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KWS-R-1 COOPER-KWS-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
KWS-R-10 COOPER-KWS-R-10 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
KWS-R-15 COOPER-KWS-R-15 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
KWS-R-20 COOPER-KWS-R-20 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
KWS-R-25 COOPER-KWS-R-25 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
More results

Similar Description - KWS-1205

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com