Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DU15H143S Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DU15H143S
Description  2-PHASE STEPPING SYSTEMS
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DU15H143S Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DU15H143S Datasheet HTML 1Page - Sanyo Semicon Device DU15H143S Datasheet HTML 2Page - Sanyo Semicon Device DU15H143S Datasheet HTML 3Page - Sanyo Semicon Device DU15H143S Datasheet HTML 4Page - Sanyo Semicon Device DU15H143S Datasheet HTML 5Page - Sanyo Semicon Device DU15H143S Datasheet HTML 6Page - Sanyo Semicon Device DU15H143S Datasheet HTML 7Page - Sanyo Semicon Device DU15H143S Datasheet HTML 8Page - Sanyo Semicon Device DU15H143S Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
1
Compliance with international standards
The standard specification SANMOTION F series stepping driver complies with UL and EN
safety standards.Stepping motors complying with UL and EN standards are available upon
request.
F series DRIVER
H series MOTOR
SH series MOTOR
F series DRIVER features
Low-vibration mode
1
0
200
400
600
800
1000
1200
1400
1600
0
100 200 300 400 500 600 700 800 900 1000
pulse/s
Low-Vibration Mode ON
Driver : US1D200P10
Motor : 103H7123-0410
Source voltage : DC24V
Wire current : 2.0A/phase
Division : 2
TG : 11TG
(7V/1000rpm)
0
200
400
600
800
1000
1200
1400
1600
0
100 200 300 400 500 600 700 800 900 1000
pulse/s
Low-Vibration Mode OFF
Driver : US1D200P10
Motor : 103H7123-0410
Source voltage : DC24V
Wire current : 2.0A/phase
Division : 2
TG : 11TG
(7V/1000rpm)
DC input
DC input
Compact / Light weight
2
0100
50
150
200
250
2-phase bipolar
F series
2-phase bipolar
Current model
2-phase unipolar
F series
2-phase unipolar
Current model
MASSg
Light weight
0
50
100
150
200
250
300
350
2-phase bipolar
F series
2-phase bipolar
Current model
2-phase unipolar
F series
2-phase unipolar
Current model
Volumecm3
Compact
DC input
2-phase STEPPING SYSTEMS


Similar Part No. - DU15H143S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DU10E ETC2-DU10E Datasheet
83Kb / 3P
   Proximity Sensors Inductive ABS Housing
logo
Tyco Electronics
DU1215S MACOM-DU1215S Datasheet
202Kb / 3P
   RF MOSFET Power Transistor, ISW, 12V 2 - 175 MHz
logo
M/A-COM Technology Solu...
DU1215S MA-COM-DU1215S Datasheet
166Kb / 3P
   RF Power MOSFET Transistor 15W, 2-175MHz, 12V
DU1215S MA-COM-DU1215S Datasheet
166Kb / 3P
   RF Power MOSFET Transistor
logo
Tyco Electronics
DU1230S MACOM-DU1230S Datasheet
195Kb / 3P
   RF MOSFET Power Transistor, 30W, 12V, 2 - 175 MHz
More results

Similar Description - DU15H143S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DS17H732S SANYO-DS17H732S Datasheet
815Kb / 10P
   3-PHASE STEPPING SYSTEMS
FSF781S-CX3.6 SANYO-FSF781S-CX3.6 Datasheet
2Mb / 10P
   5-PHASE STEPPING SYSTEMS
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com