Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAWS-2409 Datasheet(PDF) 5 Page - Power Systems GmbH+Co.KG

Part # FAWS-2409
Description  DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

FAWS-2409 Datasheet(HTML) 5 Page - Power Systems GmbH+Co.KG

  FAWS-2409 Datasheet HTML 1Page - Power Systems GmbH+Co.KG FAWS-2409 Datasheet HTML 2Page - Power Systems GmbH+Co.KG FAWS-2409 Datasheet HTML 3Page - Power Systems GmbH+Co.KG FAWS-2409 Datasheet HTML 4Page - Power Systems GmbH+Co.KG FAWS-2409 Datasheet HTML 5Page - Power Systems GmbH+Co.KG FAWS-2409 Datasheet HTML 6Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.Power-Systems.de
Page: 5 / 6
Version: 4-Oct-02
FAW Series (10W WIDE INPUT RANGE DC-DC CONVERTER)
DC-DC Converter UNIT
TYPICAL APPLICATIONS
SINGLE OUTPUT
DUAL OUTPUT
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER
+Vout
-Vin
-Vout
INPUT
DC-DC
CONVERTER
+Vin
LOAD1
OUTPUT
Common
LOAD2
TEMPERATURE DERATING
0.0
2.0
4.0
6.0
8.0
10.0
-25
0
25
50
70
90
TA(degree C)
FAW SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
No external capacitance is required for operation of the FAW series.
To meet the reflected ripple requirements of the converter, an input impedance of less than 0.5 ohm
from DC to 220KHz is required.
External output capacitance is not required for operation, however it is recommended that 10uF
tantalum and 0.1uF ceramic capacitance be selected for reduced system noise.
Additional output capacitance may be added for increased filtering, but should not exceed 220uF.
SAFE
OPERATING
AREA


Similar Part No. - FAWS-2409

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
FAW DIWELL-FAW Datasheet
776Kb / 9P
   10W WIDE INPUT RANGE
2013/10/29
More results

Similar Description - FAWS-2409

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
logo
CUI INC
VED15 CUI-VED15 Datasheet
285Kb / 3P
   wide input DC/DC converter
logo
Minmax Technology Co., ...
MDWI10 MINMAX-MDWI10 Datasheet
489Kb / 5P
   DC-DC CONVERTER 10W
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
   2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
10DCPE GAPTEC-10DCPE Datasheet
695Kb / 6P
   10W - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
logo
C&D Technologies
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com