Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWD-1212A12M Datasheet(PDF) 1 Page - Power Systems GmbH+Co.KG

Part # CWD-1212A12M
Description  DC-DC Converter UNIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CWD-1212A12M Datasheet(HTML) 1 Page - Power Systems GmbH+Co.KG

  CWD-1212A12M Datasheet HTML 1Page - Power Systems GmbH+Co.KG CWD-1212A12M Datasheet HTML 2Page - Power Systems GmbH+Co.KG CWD-1212A12M Datasheet HTML 3Page - Power Systems GmbH+Co.KG CWD-1212A12M Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC Converter UNIT
CW SERIES (10W~12W Wide Input Range)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (1)
Version 1.0, 20th May 2008
FEATURES
•10W to 12W dil package
•9-18V, 18-36V, 36-72V Wide Input Range
•100% Burned in
•High efficiency
•UL 94V-0 Package material
•Costum solutions available
•RoHS compliant
•3 Years warranty
Continuous
Short Circuit Protection
Load Regulation3
+/-0.5% max
Line Regulation2
100mVp-p max
Ripple & Noise (20MHz BW)1
+/-0.05%/
°C
Temperature Coefficient
Voltage Set point Accuracy
OUTPUT SPECIFICATIONS
Pi Network
Input Filter
2:1 Input Range
Input Voltage Range
INPUT SPECIFICATIONS
31.8mm*20.3mm*12.2mm
Case Size
Five-sided shield case
Case Material
18.5g Typ
Weight
>600,000 Hours
MTBF6
2200pF max
Isolation Capacitance
109 ohms min
Isolation Resistance
1500 VDC min
Isolation Voltage4
78% min
Efficiency
GENERAL SPECIFICATIONS
[1] Measured with 1uF ceramic capacitor connect to the output pins.
[2] High Line to Low Line.
[3] Load Regulation is for output load current change from 20% to 100%.
[4] 1500Vdc for 10 seconds
[5] 25% Step Load Change.
[6] MIL-HDBK-217F @25 °C , Ground Benign.
Minimum Load
20% of Full Load
Short Circuit Restart
Automatic
Transient Response5
350uS max
Protection
Fuse Recommended
Switching Frequency
400 KHz Typ
Conducted Emissions
EN55022 Class A
Radiated Emissions
EN55022 Class A
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD , AND 25 °
°°°C UNLESS OTHERWISE NOTED.
Potting Material
Epoxy (UL94-V0)
-55
°C to +105 °C
Storage Temperature
-40
°C to +85 °C
Operating Temperature
ENVIRONMENTAL SPECIFICATIONS
Humidity
95% max
Cooling
Free-Air Convection
Case Temperature
95%
°°°°C max
Over Load Protection
100% ~180%
+/-2% max
+/-0.5% max
Remote On / Off
-On
-Off
-Off idle current
3.0…12V/DC or open circuit
(referenced to-Vin)
0…1.2V/DC or short circuit
(pin 1 and pin 2/3)
2.5 mA


Similar Part No. - CWD-1212A12M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWD-01-V2 ETC2-CWD-01-V2 Datasheet
41Kb / 5P
   CONSTANT CURRENT CW LASER DRIVER
logo
Analog Technologies, In...
CWD-01-V2-D ANALOGTECHNOLOGIES-CWD-01-V2-D Datasheet
333Kb / 7P
   Constant Current CW Laser Driver
1/24/2022
More results

Similar Description - CWD-1212A12M

ManufacturerPart #DatasheetDescription
logo
Rohm
BP51L05 ROHM-BP51L05 Datasheet
64Kb / 4P
   DC / DC converter unit
logo
Power Systems GmbH+Co.K...
OSNXXW POWER-SYSTEMS-OSNXXW Datasheet
203Kb / 5P
   DC-DC Converter UNIT
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com