Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECASD40J107M015K00 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # ECASD40J107M015K00
Description  POLYMER Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ECASD40J107M015K00 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  ECASD40J107M015K00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ECASD40J107M015K00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ECASD40J107M015K00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ECASD40J107M015K00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ECASD40J107M015K00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ECASD40J107M015K00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. ECASD40J107M015K00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ECASD40J107M015K00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Polymer Aluminum Electrolytic Capacitors
w w w .mur a ta.c om
4
Comparison of impedance frequency and capacitance characteristics of 330µF/2V
Stable Temperature Characteristic
Temperature (°C)
20
0
10
-10
-20
-30
-40
-50
-100
-50
0
50
100
150
Murata Polymer Capacitor
Al (Can type/Polymer)
Al (Can type/Electrolyte)
0
20
40
60
80
100
120
0.1
1
10
100
1000
10000
Stable DC Bias Characteristic
50%
60%
70%
80%
90%
100%
110%
120%
0%
25%
50%
75%
100%
Bias Voltage / Rated Voltage
Stable Frequency Characteristic
Low ESR & Z
100,000
10,000
1,000
100
10
1
0.1
1
10
100
1000
Frequency (kHz)
Frequency (kHz)
Characteristics
Applications


Similar Part No. - ECASD40J107M015K00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ECASD60J187M010K00 MURATA-ECASD60J187M010K00 Datasheet
47Kb / 1P
   Polymer Aluminum Electrolytic Capacitors
More results

Similar Description - ECASD40J107M015K00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
Murata Manufacturing Co...
ECASD60J187M010K00 MURATA-ECASD60J187M010K00 Datasheet
47Kb / 1P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com