Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECASD40J476M025K00 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # ECASD40J476M025K00
Description  POLYMER Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

ECASD40J476M025K00 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  ECASD40J476M025K00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. ECASD40J476M025K00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. ECASD40J476M025K00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. ECASD40J476M025K00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. ECASD40J476M025K00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. ECASD40J476M025K00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. ECASD40J476M025K00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. ECASD40J476M025K00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Polymer Aluminum Electrolytic Capacitors
w w w .mur a ta.c om
5
Specification Details
Land Pattern Design
Item
Test Conditions
Operating Temperature
-
Rated Voltage
-
Leakage Current
Applied Voltage: Rated voltage measured after 2
minutes of application
Capacitance Value
120Hz @ 25°C
Capacitance Tolerance
120Hz @ 25°C
Dissipation Factor
120Hz @ 25°C
ESR
100kHz @ 25°C
Allowable Ripple Current
Measuring Frequency: 100kHz ±10%
Measuring Temperature: 20 to 105°C
Leakage Current
≤ 0.04CV for 2V to 10V products
≤ 0.1 CV for 12.5V to 16V products
Capacitance
Change
±10% of initial measured value
Dissipation
Factor
≤ 0.06
Leakage Current
≤ 0.04CV for 2V to 10V products
≤ 0.1CV for 12.5V to 16V products
Capacitance
Change
±10% of initial measured value
Dissipation
Factor
≤ 0.06
Leakage Current
≤ 0.04CV for 2V to 10V products
≤ 0.1CV for 12.5V to 16V products
Capacitance
Change
-20% and +50% of initial value
Dissipation
Factor
≤ 0.12
Solderability
Solder Temperature: 235°C ±5°C
Immersion Time: 5s ±0.5s
Moisture Resistance
Under Load
Test Temperature: 60°C ±2°C
Relative Humidity: 90 to 95%
Applied Voltage: Rated Voltage
Test Time: 1,000hrs +48hrs, -0hrs
Terminal face should be covered 95% by new solder.
Ranges from 1 to 3.5Arms; part number specific
Surge
Test Cycle: 1,000 cycles
Applied Voltage: Rated Voltage x 1.25
Test Temp: 85°C for 2V to 10V products
Test Temp: 25°C for 12.5V to 16V products
Endurance
Test Temperature: 105°C ±2°C
Applied Voltage: Rated Voltage
Test Time: 1,000hrs +48hrs, -0hrs
6.8 to 470uF
± 20%
≤ 0.06
6 to 70 mΩ
Characteristics
-40 to105°C
2 to 16V
≤ 0.04CV for 2V to 10V products
≤ 0.1CV for 12.5V to 16V products
0
50
100
150
200
250
300
Time (s)
225°C
195°C
160s max
115s max
60s max
Max temperature 245°C, two times.
If Pb free > 245°C, please contact Murata for more details.
(in mm)
Capacitor
4.0
8.8
2.8
Recommended Pb-Sn Reflow Profile


Similar Part No. - ECASD40J476M025K00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ECASD60J187M010K00 MURATA-ECASD60J187M010K00 Datasheet
47Kb / 1P
   Polymer Aluminum Electrolytic Capacitors
More results

Similar Description - ECASD40J476M025K00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
Murata Manufacturing Co...
ECASD60J187M010K00 MURATA-ECASD60J187M010K00 Datasheet
47Kb / 1P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com