Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPL10002031RH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPL10002031RH
Description  Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPL10002031RH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPL10002031RH Datasheet HTML 1Page - List of Unclassifed Manufacturers SPL10002031RH Datasheet HTML 2Page - List of Unclassifed Manufacturers SPL10002031RH Datasheet HTML 3Page - List of Unclassifed Manufacturers SPL10002031RH Datasheet HTML 4Page - List of Unclassifed Manufacturers SPL10002031RH Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
- Linear Position Sensor
- IP65 Dust Proof, Water Proof (Intense Spray)
- Polyester Substrate
- 3M Pressure Sensitive Adhesive (PSA)
- Upon Request
- Male or Female Nicomatic or Berg
Connectors
- Wiper of 1-3 Newton Force to Actuate
Part
- Higher Temperature and/or Contactless
Options Available
spectrasymbol.com
(888) 795-2283
Rev F2 - Page 1
Mechanical Specifications
Electrical Specifications
-Life Cycle: >1 million
-Height: 0.51mm (0.020")
-Actuation Force (with a 10mm wide active cavity):
-40°C 0.8 to 1.8 N
-25°C 0.8 to 1.8 N
+23°C 0.6 to 1.5 N
+50°C 0.6 to 1.5 N
-Resistance - Standard: 10k Ohms
(lengths >300mm = 20k Ohms)
-Resistance - Custom: 1k to 100k Ohms
-Resistance Tolerance: ±20%
-Effective Electrical Travel: 8 to 2000mm
-Linearity (Independent): Linear ±1% & 3%
Rotary ±3% & 5%
-Repeatability: No hysteresis, but with any wiper
looseness some hysteresis will occur
-Power Rating (depending on size, varies with
length and temperature): 1 Watt max. @ 25°C,
0.5 Watt recommended
-Resolution: Analog output theoretically infinite;
affected by variation of contact wiper surface
area.
-Dielectric Value: No affect @ 500VAC for 1
minute
Dimensional Diagram - Stock Linear SoftPot
ACTIVE LENGTH [A]
6.60 [0.260]
PART LENGTH [P]
7.93 [0.312]
20.32 [0.800]
7.11 [0.280]
ACTIVE WIDTH
10.16 [0.400]
TAIL WIDTH
TAIL LENGTH [T]
PIN 1
Environmental Specifications
-Operating Temperature: -40°C to +50°C
-Humidity: No affect @ 95% RH, 4hrs 50°C
-IP Rating of Active Area: IP65
A
50.00mm
1.969"
100.00mm
3.937"
150.00mm
5.906"
200.00mm
7.874"
300.00mm
11.811"
400.00mm
15.748"
500.00mm
19.685"
P
65.86mm
2.593"
25.00mm
0.984"
40.86mm
1.609"
12.50mm
0.492"
28.36mm
1.117"
115.86mm
4.562"
165.86mm
6.531"
215.86mm
8.499"
170.00mm
6.693"
185.86mm
7.318"
315.86mm
12.436"
415.86mm
16.373"
515.86mm
20.310"
750.00mm
29.528"
1000.00mm
39.370"
765.86mm
30.153"
1015.86mm
39.995"
T
24.89mm
0.980"
12.70mm
0.500"


Similar Part No. - SPL10002031RH

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
SPL10100CTPT CHENMKO-SPL10100CTPT Datasheet
172Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL1020CTPT CHENMKO-SPL1020CTPT Datasheet
178Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL1020LLCTPT CHENMKO-SPL1020LLCTPT Datasheet
172Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL1020LLPT CHENMKO-SPL1020LLPT Datasheet
162Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL1030CTPT CHENMKO-SPL1030CTPT Datasheet
178Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SPL10002031RH

ManufacturerPart #DatasheetDescription
logo
ETAL Group
MPR10 ETAL-MPR10 Datasheet
553Kb / 4P
   water-proof and dust-proof
HPR ETAL-HPR Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
   Shock-proof, dust-proof, and splash-proof housing, IP65
logo
TOKO, Inc
STA8121 TOKO-STA8121 Datasheet
118Kb / 1P
   Dust and Water proof structure
logo
Axiomtek Co., Ltd.
GOT815-834 AXIOMTEK-GOT815-834 Datasheet
452Kb / 2P
   Water/dust/corrosion-proof design IP66/IP69K
logo
FOTEK CONTROLS CO., LTD...
MR-30X FOTEK-MR-30X Datasheet
784Kb / 3P
   MINI & WATER-PROOF PHOTO SENSOR
logo
List of Unclassifed Man...
MP1L00501035ST ETC2-MP1L00501035ST Datasheet
319Kb / 4P
   Contactless Linear Sensor - IP64 Debris Proof, Splash Proof
logo
ALPS ELECTRIC CO.,LTD.
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com