Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DUS-1212 Datasheet(PDF) 4 Page - Power Systems GmbH+Co.KG

Part # DUS-1212
Description  DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

DUS-1212 Datasheet(HTML) 4 Page - Power Systems GmbH+Co.KG

  DUS-1212 Datasheet HTML 1Page - Power Systems GmbH+Co.KG DUS-1212 Datasheet HTML 2Page - Power Systems GmbH+Co.KG DUS-1212 Datasheet HTML 3Page - Power Systems GmbH+Co.KG DUS-1212 Datasheet HTML 4Page - Power Systems GmbH+Co.KG DUS-1212 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.Power-Systems.de
Page: 4 / 5
Version: 4-Oct-02
DU Series ( 5W UNREGULATED DC-DC CONVERTER )
DC-DC Converter UNIT
TYPICAL APPLICATIONS
SINGLE OUTPUT
DUAL OUTPUT
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER
+Vout
-Vin
-Vout
INPUT
DC-DC
CONVERTER
+Vin
LOAD1
OUTPUT
Common
LOAD2
TYPICAL PERFORMANCE CUREVES
Specifications typical at ta=25 OC , nominal input voltage , rated output current unless otherwise specified.
EFFICIENCY VS LOAD
DERATING CURVE
0.0
20.0
40.0
60.0
80.0
0
20
406080
100
% OF RATED LOAD(%)
0%
25%
50%
75%
100%
125%
-25
0
25
50
70
100
TA(degree C)
DU SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
No external capacitance is required for operation of the DU series.
To meet the reflected ripple requirements of the converter,an input impedance of less than 0.5 ohm
from DC to 100KHz is required.
External output capacitance is not required for operation,however it is recommended that 10uF
tantalum and 0.1uF ceramic capacitance be selected for reduced system noise.
Additional output capacitance may be added for increased filtering,but should not exceed 220uF.
SAFE
OPERATING
AREA


Similar Part No. - DUS-1212

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 18P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules
DUS1250EF DELTA-DUS1250EF_14 Datasheet
669Kb / 18P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules
DUS1250EG DELTA-DUS1250EG Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
DUS1250EG DELTA-DUS1250EG Datasheet
669Kb / 18P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules
More results

Similar Description - DUS-1212

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
logo
Vicor Corporation
B048X160Y24A VICOR-B048X160Y24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
B048X320Y30A VICOR-B048X320Y30A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com