Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAWD-1212 Datasheet(PDF) 6 Page - Power Systems GmbH+Co.KG

Part # FAWD-1212
Description  DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

FAWD-1212 Datasheet(HTML) 6 Page - Power Systems GmbH+Co.KG

  FAWD-1212 Datasheet HTML 1Page - Power Systems GmbH+Co.KG FAWD-1212 Datasheet HTML 2Page - Power Systems GmbH+Co.KG FAWD-1212 Datasheet HTML 3Page - Power Systems GmbH+Co.KG FAWD-1212 Datasheet HTML 4Page - Power Systems GmbH+Co.KG FAWD-1212 Datasheet HTML 5Page - Power Systems GmbH+Co.KG FAWD-1212 Datasheet HTML 6Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.Power-Systems.de
Page: 6 / 6
Version: 4-Oct-02
FAW Series (10W WIDE INPUT RANGE DC-DC CONVERTER)
DC-DC Converter UNIT
Negative Outputs:
A negative output voltage may be obtained by connecting the +OUT to circuit ground and
connecting –OUT as the negative output.
FOR MORE INFORMATION CALL:
Power Systems – The Power Solution
Ilsfeld-Auenstein ( Germany ) Dörnet 8
Tel: + 49 / 70 62 / 67 59 – 6
Fax: + 49 / 70 62 / 67 59 -80
E-mail: Info@Power-Systems.de
Home Page: www.Power-Systems.de


Similar Part No. - FAWD-1212

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
FAW DIWELL-FAW Datasheet
776Kb / 9P
   10W WIDE INPUT RANGE
2013/10/29
More results

Similar Description - FAWD-1212

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
logo
CUI INC
VED15 CUI-VED15 Datasheet
285Kb / 3P
   wide input DC/DC converter
logo
Minmax Technology Co., ...
MDWI10 MINMAX-MDWI10 Datasheet
489Kb / 5P
   DC-DC CONVERTER 10W
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
   2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
10DCPE GAPTEC-10DCPE Datasheet
695Kb / 6P
   10W - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
logo
C&D Technologies
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com