Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELL6SH101M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELL6SH101M
Description  SMD Choke Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL6SH101M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELL6SH101M Datasheet HTML 1Page - Panasonic Semiconductor ELL6SH101M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Choke Coils
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
at 100 kHz
Tol. ±20%
Part No.
Marking
Inductance (µH)
1.0
1.5
2.7
3.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
ELL6H1R0M
ELL6H1R5M
ELL6H2R7M
ELL6H3R3M
ELL6H4R7M
ELL6H5R1M
ELL6H5R6M
ELL6H6R2M
ELL6H6R8M
ELL6H7R5M
ELL6H8R2M
ELL6H100M
ELL6H120M
ELL6H150M
ELL6H180M
ELL6H220M
ELL6H270M
ELL6H330M
ELL6H390M
ELL6H470M
ELL6H560M
ELL6H680M
ELL6H820M
ELL6H101M
ELL6H121M
ELL6H151M
ELL6H181M
19
24
39
44
49
56
62
80
87
95
130
150
170
220
260
380
410
480
540
770
870
1000
1500
1800
2000
19
24
31
34
42
49
52
61
65
71
96
110
140
160
180
240
270
290
520
600
680
750
860
1200
3000
2400
1800
1600
1580
1550
1400
1250
1200
1100
1000
850
800
700
650
600
550
500
450
400
350
300
280
250
230
3400
3200
2400
2200
2000
1800
1500
1400
1300
1200
1100
1000
900
800
700
650
600
550
500
450
400
370
350
300
1R0
1R5
2R7
3R3
4R7
5R1
5R6
6R2
6R8
7R5
8R2
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
6SH
6RH
6SH
6RH
RDC (m9)
at 20 ¡C
Tol. ±20%
] Current
mA (max.)
6.0±0.5
6.4±0.5
Height
2.5 mm±0.3 mm
3.0 mm±0.3 mm
Type
ELL6RH
ELL6SH
(0.9)
4.0
7.4
Marking
Date Code
Dimensions in mm (not to scale)
Standard Parts
Connections (Top view)
Recommended Land Pattern in mm (not to scale)
Current: This indicates the value of current when the inductance is 80% of nominal value or when the case temperature has
risen 45 °C.
Mar. 2005


Similar Part No. - ELL6SH101M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL6SH101M PANASONIC-ELL6SH101M Datasheet
225Kb / 2P
   SMD Choke Coils
ELL6SH101M PANASONIC-ELL6SH101M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type Large current capability RoHS compliant
More results

Similar Description - ELL6SH101M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL5PS100M PANASONIC-ELL5PS100M Datasheet
114Kb / 2P
   SMD Choke Coils
ELL-6PG100M PANASONIC-ELL-6PG100M Datasheet
122Kb / 2P
   SMD Choke Coils
ELL-6GM6R8N PANASONIC-ELL-6GM6R8N Datasheet
164Kb / 2P
   SMD Choke Coils
logo
Panasonic Battery Group
ELLATV1R5N PANASONICBATTERY-ELLATV1R5N Datasheet
62Kb / 2P
   SMD Choke Coils
logo
Panasonic Semiconductor
ELL6SH220M PANASONIC-ELL6SH220M Datasheet
225Kb / 2P
   SMD Choke Coils
logo
Frontier Electronics.
SCM2012FH-I FRONTIER-SCM2012FH-I_15 Datasheet
222Kb / 2P
   SMD COMMON MODE CHOKE COILS
SCM7038F FRONTIER-SCM7038F Datasheet
165Kb / 1P
   SMD COMMON MODE CHOKE COILS
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com