Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWD-2412A12M Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # CWD-2412A12M
Description  DC-DC Converter UNIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CWD-2412A12M Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  CWD-2412A12M Datasheet HTML 1Page - Power Systems GmbH+Co.KG CWD-2412A12M Datasheet HTML 2Page - Power Systems GmbH+Co.KG CWD-2412A12M Datasheet HTML 3Page - Power Systems GmbH+Co.KG CWD-2412A12M Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC-DC Converter UNIT
CW SERIES (10W~12W Wide Input Range)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (2)
Version 1.0, 20th May 2008
●SELECTION GUIDE(1) 2:1 10W~12W OUTPUT
+/-47uF
A
84
25
298
+/-400
+/-15
36-75
CWD-4815A12M
+/-100uF
A
84
25
298
+/-500
+/-12
36-75
CWD-4812A12M
+/-670uF
A
81
25
309
+/-1200
+/-5
36-75
CWD-4805A12M
220uF
A
85
25
294
800
15
36-75
CWS-4815A12M
220uF
A
83
25
301
1000
12
36-75
CWS-4812A12M
1000uF
A
84
25
298
2400
5
36-75
CWS-4805A12M
1000uF
A
80
25
256
3000
3.3
36-75
CWS-4803.3A10M
1000uF
A
78
25
201
3000
2.5
36-75
CWS-4802.5A10M
+/-47uF
A
84
35
595
+/-400
+/-15
18-36
CWD-2415A12M
+/-100uF
A
84
35
595
+/-500
+/-12
18-36
CWD-2412A12M
+/-670uF
A
81
35
618
+/-1200
+/-5
18-36
CWD-2405A12M
220uF
A
85
35
590
800
15
18-36
CWS-2415A12M
220uF
A
83
35
602
1000
12
18-36
CWS-2412A12M
1000uF
A
83
35
602
2400
5
18-36
CWS-2405A12M
1000uF
A
80
35
513
3000
3.3
18-36
CWS-2403.3A10M
1000uF
A
78
35
401
3000
2.5
18-36
CWS-2402.5A10M
+/-47uF
A
83
70
1204
+/-400
+/-15
9-18
CWD-1215A12M
+/-100uF
A
84
70
1190
+/-500
+/-12
9-18
CWD-1212A12M
+/-670uF
A
81
70
1235
+/-1200
+/-5
9-18
CWD-1205A12M
220uF
A
83
70
1204
800
15
9-18
CWS-1215A12M
220uF
A
83
70
1204
1000
12
9-18
CWS-1212A12M
1000uF
A
84
70
1190
2400
5
9-18
CWS-1205A12M
1000uF
A
80
70
1025
3000
3.3
9-18
CWS-1203.3A10M
1000uF
A
78
70
802
3000
2.5
9-18
CWS-1202.5A10M
NO
LOAD
FULL
LOAD
Capacitor
Load max
PACK-
AGE
EFF
(%)[9]
INPUT[8]
CURRENT(mA)
OUTPUT
CURRENT
(mA)
OUTPUT
VOLTAGE
(VDC)
INPUT
VOLTAGE
(VDC)
MODEL[7]
NUMBER
7 CW*-*****A12M AND CW*-*****A10M (Isolation For 1500 VDC)
8 NOMINAL INPUT VOLTAGE.
9 NOMINAL INPUT VOLTAGE, FULL LOAD.
Note: Other input to output voltages may be available. Please contact factory.


Similar Part No. - CWD-2412A12M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWD-01-V2 ETC2-CWD-01-V2 Datasheet
41Kb / 5P
   CONSTANT CURRENT CW LASER DRIVER
logo
Analog Technologies, In...
CWD-01-V2-D ANALOGTECHNOLOGIES-CWD-01-V2-D Datasheet
333Kb / 7P
   Constant Current CW Laser Driver
1/24/2022
More results

Similar Description - CWD-2412A12M

ManufacturerPart #DatasheetDescription
logo
Rohm
BP51L05 ROHM-BP51L05 Datasheet
64Kb / 4P
   DC / DC converter unit
logo
Power Systems GmbH+Co.K...
OSNXXW POWER-SYSTEMS-OSNXXW Datasheet
203Kb / 5P
   DC-DC Converter UNIT
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com