Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWD-4805A12M Datasheet(PDF) 4 Page - Power Systems GmbH+Co.KG

Part # CWD-4805A12M
Description  DC-DC Converter UNIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CWD-4805A12M Datasheet(HTML) 4 Page - Power Systems GmbH+Co.KG

  CWD-4805A12M Datasheet HTML 1Page - Power Systems GmbH+Co.KG CWD-4805A12M Datasheet HTML 2Page - Power Systems GmbH+Co.KG CWD-4805A12M Datasheet HTML 3Page - Power Systems GmbH+Co.KG CWD-4805A12M Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DC-DC Converter UNIT
CW SERIES (10W~12W Wide Input Range)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (4)
Version 1.0, 20th May 2008
Note: Certain applications may require the installation of external fuse in front of the input.
●TYPICAL PERFORMANCE CUREVES
●OUTPUT LOAD VS EFFICIENCY
●TEMPERATURE DERATING
0.0
20.0
40.0
60.0
80.0
0
20
40
60
80
100
% OF RATED LOAD(%)
SAFE
OPERATING
AREA
DC-DC
CONVERTER
+Vin
-Vin
+Vout
-Vout
OUTPUT
Fuse
INPUT
600mA Slow-Blow Type
1200mA Slow-Blow Type
3000mA Slow-Blow Type
36-75V
INPUT VOLTAGE(VDC)
18-36V
INPUT VOLTAGE(VDC)
9-18V
INPUT VOLTAGE(VDC)
●INPUT FUSE SELECTION GUIDE
CW 10W~12W SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
No external capacitance is required for operation of the CW 10W~12W series.
To meet the reflected ripple requirements of the converter, an input impedance of less than
0.5 ohm from DC to 100KHz is required.
External output capacitance is not required for operation, however it is recommended that
10uF tantalum and 0.1uF ceramic capacitance be selected for reduced system noise.
We can offer EMC-Filter According to EN55011/22 Class A.
Specifications typical at ta=25°
°°°C, nominal input voltage, rated output current unless otherwise specified.


Similar Part No. - CWD-4805A12M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWD-01-V2 ETC2-CWD-01-V2 Datasheet
41Kb / 5P
   CONSTANT CURRENT CW LASER DRIVER
logo
Analog Technologies, In...
CWD-01-V2-D ANALOGTECHNOLOGIES-CWD-01-V2-D Datasheet
333Kb / 7P
   Constant Current CW Laser Driver
1/24/2022
More results

Similar Description - CWD-4805A12M

ManufacturerPart #DatasheetDescription
logo
Rohm
BP51L05 ROHM-BP51L05 Datasheet
64Kb / 4P
   DC / DC converter unit
logo
Power Systems GmbH+Co.K...
OSNXXW POWER-SYSTEMS-OSNXXW Datasheet
203Kb / 5P
   DC-DC Converter UNIT
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com