Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWD-4815A12M Datasheet(PDF) 3 Page - Power Systems GmbH+Co.KG

Part # CWD-4815A12M
Description  DC-DC Converter UNIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

CWD-4815A12M Datasheet(HTML) 3 Page - Power Systems GmbH+Co.KG

  CWD-4815A12M Datasheet HTML 1Page - Power Systems GmbH+Co.KG CWD-4815A12M Datasheet HTML 2Page - Power Systems GmbH+Co.KG CWD-4815A12M Datasheet HTML 3Page - Power Systems GmbH+Co.KG CWD-4815A12M Datasheet HTML 4Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC-DC Converter UNIT
CW SERIES (10W~12W Wide Input Range)
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (3)
Version 1.0, 20th May 2008
●MECHANICAL DIMENSIONS
31.8[1.25]
15.24[0.60]
20.3[0.80]
2
3
11
14
22
23
3.81[0.15]
16
9
12.2[0.48]
5.08[0.20]
BOTTOM
VIEW
SIDE
VIEW
All dimensions are in mm[inchs]
2.54[0.10]
Remote
On/Off
Remote
On/Off
1
+Vin
+Vin
22 & 23
Common
-Vout
16
+Vout
+Vout
14
-Vout
NC
11
Common
NC
9
-Vin
-Vin
2 & 3
DUAL
SINGLE
PIN
PACKAGE “A”
NOTE: Pin Size is Tolerance 0.6Φ
Φ
Φ
Φ ±
±
±
±0.05mm
All Dimensions In mm(Inches)
Tolerance .X or .XX= ±
±
±
±0.5mm
● RECOMMENDED FOOTPRINT DETAILS
PACKAGE “A”
2.54mm
2 3
9
11
16
14
TOP VIEW
22
23
1
●SIMPLIFIED SCHEMATIC
SINGLE OUTPUT
DUAL OUTPUT


Similar Part No. - CWD-4815A12M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWD-01-V2 ETC2-CWD-01-V2 Datasheet
41Kb / 5P
   CONSTANT CURRENT CW LASER DRIVER
logo
Analog Technologies, In...
CWD-01-V2-D ANALOGTECHNOLOGIES-CWD-01-V2-D Datasheet
333Kb / 7P
   Constant Current CW Laser Driver
1/24/2022
More results

Similar Description - CWD-4815A12M

ManufacturerPart #DatasheetDescription
logo
Rohm
BP51L05 ROHM-BP51L05 Datasheet
64Kb / 4P
   DC / DC converter unit
logo
Power Systems GmbH+Co.K...
OSNXXW POWER-SYSTEMS-OSNXXW Datasheet
203Kb / 5P
   DC-DC Converter UNIT
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com