Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1RS-2409 Datasheet(PDF) 2 Page - Power Systems GmbH+Co.KG

Part # 1RS-2409
Description  DC-DC Converter UNIT 1W SINGLE OUTPUTS WITH REGULATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

1RS-2409 Datasheet(HTML) 2 Page - Power Systems GmbH+Co.KG

  1RS-2409 Datasheet HTML 1Page - Power Systems GmbH+Co.KG 1RS-2409 Datasheet HTML 2Page - Power Systems GmbH+Co.KG 1RS-2409 Datasheet HTML 3Page - Power Systems GmbH+Co.KG 1RS-2409 Datasheet HTML 4Page - Power Systems GmbH+Co.KG 1RS-2409 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.Power-Systems.de
Page: 2 / 5
Version: 4-Oct-02
DC-DC Converter UNIT
1R Serie ( 1W SINGLE OUTPUTS WITH REGULATION )
SELECTION GUIDE
1W OUTPUT
INPUT
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
ISOLATION
(VDC)
1RS-0505
4.5-5.5
5
200
322
23
62
1000
1RS-0509
4.5-5.5
9
111
333
22
60
1000
1RS-0512
4.5-5.5
12
84
322
22
62
1000
1RS-0515
4.5-5.5
15
67
322
21
62
1000
1RD-0505
4.5-5.5
+/-5
+/-100
322
23
62
1000
1RD-0512
4.5-5.5
+/-12
+/-42
322
22
62
1000
1RD-0515
4.5-5.5
+/-15
+/-34
322
21
62
1000
1RS-1205
10.8-13.2
5
200
124
15
67
1000
1RS-1209
10.8-13.2
9
111
134
15
62
1000
1RS-1212
10.8-13.2
12
84
130
15
64
1000
1RS-1215
10.8-13.2
15
67
132
15
63
1000
1RD-1205
10.8-13.2
+/-5
+/-100
124
15
67
1000
1RD-1212
10.8-13.2
+/-12
+/-42
130
15
64
1000
1RD-1215
10.8-13.2
+/-15
+/-34
132
15
63
1000
1RS-2405
21.6-26.4
5
200
61
7
68
1000
1RS-2409
21.6-26.4
9
111
64
6
65
1000
1RS-2412
21.6-26.4
12
84
60
6
70
1000
1RS-2415
21.6-26.4
15
67
60
6
70
1000
1RD-2405
21.6-26.4
+/-5
+/-100
61
7
68
1000
1RD-2412
21.6-26.4
+/-12
+/-42
60
6
70
1000
1RD-2415
21.6-26.4
+/-15
+/-34
60
6
70
1000
Note: Other input to output voltages may be available. Please contact factory.


Similar Part No. - 1RS-2409

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
1RS1R-XX-G-SMT ADAM-TECH-1RS1R-XX-G-SMT Datasheet
76Kb / 1P
   SINGLE ROW RECEPTACLE
More results

Similar Description - 1RS-2409

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
SRS-0505-1 POWER-SYSTEMS-SRS-0505-1 Datasheet
203Kb / 5P
   DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
logo
Chinfa Electronics Ind....
FDD01-05S0 CHINFA-FDD01-05S0 Datasheet
270Kb / 4P
   DC - DC CONVERTER 1W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SPA01 MEANWELL-SPA01 Datasheet
55Kb / 1P
   1W DC-DC Regulated Single Output Converter
SMU01 MEANWELL-SMU01 Datasheet
53Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com