Part Name
         Description
CERS-0505M

 DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER ( 5 Page)


POWER-SYSTEMS
100% 
Zoom Out Zoom In
   
 2 page
background image
www.Power-Systems.de
Page: 2 / 5
Version: 4-Oct-02
CER Series (1.5 W REGULATED DC-DC CONVERTER)
DC-DC Converter UNIT
SELECTION GUIDE
1.5W OUTPUT
INPUT
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
ISOLATION
(VDC)
CERS-0505M
4.5-5.5
5
300
500
40
60
1000
CERS-0512M
4.5-5.5
12
125
490
40
61
1000
CERS-0515M
4.5-5.5
15
100
490
40
61
1000
CERD-0512M
4.5-5.5
+/-12
+/-63
490
40
61
1000
CERD-0515M
4.5-5.5
+/-15
+/-50
490
40
61
1000
CERS-1205M
10.8-13.2
5
300
205
15
61
1000
CERS-1212M
10.8-13.2
12
125
195
15
64
1000
CERS-1215M
10.8-13.2
15
100
195
15
64
1000
CERD-1212M
10.8-13.2
+/-12
+/-63
195
15
64
1000
CERD-1215M
10.8-13.2
+/-15
+/-50
190
15
66
1000
CERS-2405M
21.6-26.4
5
300
100
10
63
1000
CERS-2412M
21.6-26.4
12
125
95
10
66
1000
CERS-2415M
21.6-26.4
15
100
95
10
66
1000
CERD-2412M
21.6-26.4
+/-12
+/-63
95
10
66
1000
CERD-2415M
21.6-26.4
+/-15
+/-50
93
10
67
1000
Note: Other input to output voltages may be available. Please contact factory.



Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl