Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1RD-1212 Datasheet(PDF) 5 Page - Power Systems GmbH+Co.KG

Part # 1RD-1212
Description  DC-DC Converter UNIT 1W SINGLE OUTPUTS WITH REGULATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

1RD-1212 Datasheet(HTML) 5 Page - Power Systems GmbH+Co.KG

  1RD-1212 Datasheet HTML 1Page - Power Systems GmbH+Co.KG 1RD-1212 Datasheet HTML 2Page - Power Systems GmbH+Co.KG 1RD-1212 Datasheet HTML 3Page - Power Systems GmbH+Co.KG 1RD-1212 Datasheet HTML 4Page - Power Systems GmbH+Co.KG 1RD-1212 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.Power-Systems.de
Page: 5 / 5
Version: 4-Oct-02
DC-DC Converter UNIT
1R Serie ( 1W SINGLE OUTPUTS WITH REGULATION )
1R SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
No external capacitance is required for operation of the 1R series.
To meet the reflected ripple requirements of the converter, an input impedance of less than 0.5 ohm
from DC to 100KHz is required.
External output capacitance is not required for operation, however it is recommended that 10uF
tantalum and 0.1uF ceramic capacitance be selected for reduced system noise.
Additional output capacitance may be added for increased filtering, but should not exceed 220uF.
Negative Outputs:
A negative output voltage may be obtained by connecting the +OUT to circuit ground and
connecting –OUT as the negative output.
FOR MORE INFORMATION CALL:
Power Systems – The Power Solution
74360 Ilsfeld-Auenstein ( Germany ) Dörnet 8
Tel: + 49 / 70 62 / 67 59 – 6
Fax: + 49 / 70 62 / 67 59 -80
E-mail: Info@Power-Systems.de
Home Page: www.Power-Systems.de


Similar Description - 1RD-1212

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
SRS-0505-1 POWER-SYSTEMS-SRS-0505-1 Datasheet
203Kb / 5P
   DC-DC Converter UNIT 0,5W TO 1W REGULATED DC-DC CONVERTER
SUS-0505-1 POWER-SYSTEMS-SUS-0505-1 Datasheet
217Kb / 6P
   DC-DC Converter UNIT 0,5W TO 1W UNREGULATED DC-DC CONVERTER
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
logo
Chinfa Electronics Ind....
FDD01-05S0 CHINFA-FDD01-05S0 Datasheet
270Kb / 4P
   DC - DC CONVERTER 1W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SPA01 MEANWELL-SPA01 Datasheet
55Kb / 1P
   1W DC-DC Regulated Single Output Converter
SMU01 MEANWELL-SMU01 Datasheet
53Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com