Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSN02W-24S15 Datasheet(PDF) 5 Page - Power Systems GmbH+Co.KG

Part # OSN02W-24S15
Description  DC-DC Converter UNIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-SYSTEMS [Power Systems GmbH+Co.KG]
Direct Link  http://www.power-systems.de
Logo POWER-SYSTEMS - Power Systems GmbH+Co.KG

OSN02W-24S15 Datasheet(HTML) 5 Page - Power Systems GmbH+Co.KG

  OSN02W-24S15 Datasheet HTML 1Page - Power Systems GmbH+Co.KG OSN02W-24S15 Datasheet HTML 2Page - Power Systems GmbH+Co.KG OSN02W-24S15 Datasheet HTML 3Page - Power Systems GmbH+Co.KG OSN02W-24S15 Datasheet HTML 4Page - Power Systems GmbH+Co.KG OSN02W-24S15 Datasheet HTML 5Page - Power Systems GmbH+Co.KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DC-DC Converter UNIT
OSNxxW SERIES
Power Systems – The Power Solution
Web:
www.Power-Systems.de
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany
Email:
Info@Power-Systems.de
Tel. :
+ 49 / 70 62 / 67 59 - 6
Fax:
+ 49 / 70 62 / 67 59 - 800
All specifications are subject to change without notice.
Page (5)
Version 1.0, 27th July 2009
DERATING CURVE
On/Off pin open:
Logic High = DC/DC converter on
On/Off pin <0.4V:
Logic Low = DC/DC converter off
On/Off pin open:
Logic High = DC/DC converter on
On/Off pin <0.4V:
Logic Low = DC/DC converter off
Q1
100uF/25V (CHEMICON KY series
100uF/25V (CHEMICON KY series)
C3
22uF/100V (CHEMICON KMF series)
22uF/100V (CHEMICON KMF series)
C2
22uF/100V (CHEMICON KMF series)
22uF/100V (CHEMICON KMF series)
C1
SCD0503 1.0 uH
SCD0503 2.2 uH
L1
5000mA Slow-Blow Type
3000mA Slow-Blow Type
F1
OSN04W-xxSxx
OSN02W-xxSxx


Similar Description - OSN02W-24S15

ManufacturerPart #DatasheetDescription
logo
Rohm
BP51L05 ROHM-BP51L05 Datasheet
64Kb / 4P
   DC / DC converter unit
logo
Power Systems GmbH+Co.K...
CWS-1202.5A10M POWER-SYSTEMS-CWS-1202.5A10M Datasheet
513Kb / 4P
   DC-DC Converter UNIT
DUS-0503.3 POWER-SYSTEMS-DUS-0503.3 Datasheet
222Kb / 5P
   DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
TUS-0505 POWER-SYSTEMS-TUS-0505 Datasheet
181Kb / 6P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
   DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
CRS-0505 POWER-SYSTEMS-CRS-0505 Datasheet
242Kb / 5P
   DC-DC Converter UNIT 3W REGULATED DC-DC CONVERTER
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com