Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ681 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SJ681
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ681 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SJ681 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ681 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ681 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ681 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ681 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ681 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SJ681
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
2SJ681
Relay Drive, DC−DC Converter and Motor Drive
Applications
4-V gate drive
Low drain-source ON-resistance: RDS (ON) = 0.12 Ω (typ.)
High forward transfer admittance: |Yfs| = 5.0 S (typ.)
Low leakage current: IDSS = −100 μA (max) (VDS = −60 V)
Enhancement mode: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
−60
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
−60
V
Gate−source voltage
VGSS
±20
V
DC
(Note 1)
ID
−5
A
Drain current
Pulse(Note 1)
IDP
−20
A
Drain power dissipation
PD
20
W
Single pulse avalanche energy
(Note 2)
EAS
40.5
mJ
Avalanche current
IAR
−5
A
Repetitive avalenche energy (Note 3)
EAR
2
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
6.25
°C / W
Thermal resistance, channel to ambient
Rth (ch−a)
125
°C / W
Note 1: Ensure that the channel temperature does not exceed 150℃.
Note 2: VDD = −25 V, Tch = 25°C (initial), L = 2.2 mH, RG = 25 Ω, IAR = −5 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
2.3
1.1
± 0.2
0.9
0.6
± 0.15
5.2
± 0.2
2.3
0.6 MAX.
6.5
± 0.2
1
2
3
0.6 MAX.
0.6
± 0.15
0.8 MAX.
1.1 MAX.
1. GATE
2. DRAIN
HEAT SINK)
3. SOURSE
3
2
1
JEDEC
JEITA
TOSHIBA
2-7J2B
Weight: 0.36 g (typ.)


Similar Part No. - 2SJ681

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ681 TOSHIBA-2SJ681 Datasheet
253Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
logo
VBsemi Electronics Co.,...
2SJ681 VBSEMI-2SJ681 Datasheet
976Kb / 7P
   P-Channel 4 0 V (D-S) MOSFET
logo
Fairchild Semiconductor
2SJ6812 FAIRCHILD-2SJ6812 Datasheet
86Kb / 5P
   High Voltage Color Display Horizontal
logo
Toshiba Semiconductor
2SJ681Q TOSHIBA-2SJ681Q Datasheet
187Kb / 6P
   Relay Drive, DC?묭C Converter and Motor Drive Applications
More results

Similar Description - 2SJ681

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ681 TOSHIBA-2SJ681 Datasheet
253Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8303 TOSHIBA-TPCS8303 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC8107 TOSHIBA-TPC8107 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005 TOSHIBA-TPC6005 Datasheet
188Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com